Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA092407NF-V2-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA092407NF-V2-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA092407NF-V2-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA092407NF-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 03.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTVA092407NF
Package Types: PG-HBSOF-4-2
Features
• Broadband internal input and output matching
• Typical CW performance, 960 MHz, 48 V, 10 µs pulse
width, 10% duty cycle, single side
- Output power at P
1dB = 240 W
- Output power at P
3dB = 287 W
- Gain = 20 dB
- Efficiency = 62%
• Capable of handling 10:1 VSWR @ 48 V, 80 W CW
output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
240 W, 48 V, 869 – 960 MHz
Description
The PTVA092407NF is a 240-watt LDMOS FET manufactured with Wolfspeed’s 48-V
LDMOS process. It is designed for use in multi-standard cellular power amplifier
applications. It features a single ended design and input and output matching that allow
for use from 869 MHz to 960 MHz. Manufactured with Wolfspeed’s advanced LDMOS
process, this device provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
V
DD = 48 V, IDQ = 900 mA, POUT = 80 W avg, ƒ = 960 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
21.3
22.5
—
dB
Drain Efficiency
h
D
38
40
—
%
Adjacent Channel Power Ratio
ACPR
—
–30
–28.5
dBc
Output PAR @ 0.01% CCDF
OPAR
5.7
6.2
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 900 mA,
ƒ = 960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptva092407nf_g1


Similar Part No. - PTVA092407NF-V2-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
More results

Similar Description - PTVA092407NF-V2-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF081301E INFINEON-PTF081301E Datasheet
289Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz
Rev. 03, 2005-05-02
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA093818NF WOLFSPEED-PTRA093818NF Datasheet
685Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
Rev. 06.2, 2022-01-04
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com