Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA092407NF-V2-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA092407NF-V2-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA092407NF-V2-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA092407NF-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PTVA092407NF
4
Rev. 03.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
70
17
18
19
20
21
22
23
24
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 900 mA, ƒ = 960 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
ptva092407nf_g6
-12
-10
-8
-6
-4
-2
0
14
16
18
20
22
24
26
875
925
975
1025
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 900 mA
IRL
Gain
ptva092407nf_g7
0
10
20
30
40
50
60
70
17
18
19
20
21
22
23
24
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 900 mA, ƒ = 960 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
ptva092407nf_g6
-12
-10
-8
-6
-4
-2
0
14
16
18
20
22
24
26
875
925
975
1025
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 900 mA
IRL
Gain
ptva092407nf_g7
Load Pull Performance
Each Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 480 mA
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
869
0.69–j3.06
1.52–j0.62
20.83
55.70
371.54
57.6
2.72+j1.29
23.07
53.51
224.39
71.3
925
1.29–j3.32
1.46–j0.56
21.35
55.55
354.81
60.4
2.24+j1.18
23.44
53.27
212.32
70.5
960
2.45–j3.23
1.31–j0.55
21.52
55.51
355.63
59.9
2.01+j0.7
23.39
53.66
232.27
71.7
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
869
0.69–j3.06
1.55–j0.78
18.81
56.40
436.52
60.0
2.81+j1.47
21.17
53.84
242.1
71.9
925
1.29–j3.32
1.58–j0.7
19.43
56.30
426.58
63.2
2.27+j1.17
21.46
53.90
245.47
72.6
960
2.45–j3.23
1.41–j0.54
19.72
56.17
414
64.7
1.76+j0.92
21.5
53.87
243.78
72.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com