Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA092407NF-V2-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA092407NF-V2-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA092407NF-V2-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA092407NF-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTVA092407NF
5
Rev. 03.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
R101
C102
C103
C101
C104
C105
C202
C205
C204
C203
C201
C206
C207
C208
C209
C210
C211
C217
C212
C213
C214
C216
C215
RF_IN
RF_OUT
VDD
VDD
pt v a09 2407 nf _C D_ 02 - 20 - 20 19
RO4350, .20 MIL
(272)
RO4350, .20 MIL
(272)
PTVA092407NF_IN_04A
PTVA092407NF_OUT_04A
VGS
R101
C102
C103
C101
C104
C105
C202
C205
C204
C203
C201
C206
C207
C208
C209
C210
C211
C217
C212
C213
C214
C216
C215
RF_IN
RF_OUT
VDD
VDD
pt v a09 2407 nf _C D_ 02 - 20 - 20 19
RO4350, .20 MIL
(272)
RO4350, .20 MIL
(272)
PTVA092407NF_IN_04A
PTVA092407NF_OUT_04A
VGS
Evaluation Board, 869 – 960 MHz
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 47 pF
ATC
ATC100B470KW500XT
C102
Capacitor, 75 pF
ATC
ATC100B750KW500XT
C103, C105
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C104
Capacitor, 3.6 pF
ATC
ATC100B3R6CW500XT
R101
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
Output
C201, C202, C206, C207, C208, C209,
C210, C211, C212, C213, C214, C215,
C216, C217
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C203, C204
Capacitor, 75 pF
ATC
ATC100B750KW500XT
C205
Capacitor, 10 pF
ATC
ATC100A101JW150XT
Evaluation Board Part Number
LTN/PTVA092407NF-V2
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 869 – 960 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com