Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCA3280ACEZ Datasheet HTML 9Page - Analog Devices ADCA3280ACEZ Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ Datasheet HTML 15Page - Analog Devices ADCA3280ACEZ Datasheet HTML 16Page - Analog Devices ADCA3280ACEZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADCA3280
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 18
THERMAL CONSIDERATIONS
The ADCA3280 is packaged in an industry-standard 9-terminal, 9
mm x 8 mm LGA_CAV package. The thermal resistance from θJC
is 3.2°C/W at 24 V, where the case is defined by the exposed pad
on the bottom of the package. For the best thermal performance,
it is recommended to add as many thermal vias as possible under
the exposed pad of the LGA_CAV. Thermal transfer is maximized
when the amount of copper under the exposed pad is maximized.
A solid copper slug captured in the PCB can also be used in
place of vias to provide additional thermal benefits; however, this
slug is not required for typical operation. The array of vias under
the ADCA3280 must interface to an external heat sink such as a
pedestal on the system chassis.
SOLDERING INFORMATION AND
RECOMMENDED PCB LAND PATTERN
Figure 22 shows the recommended land pattern for the ADCA3280.
To minimize thermal impedance, the exposed pad on the 9 mm ×
8 mm LGA_CAV is soldered to a ground plane. To improve thermal
dissipation, 188 thermal vias are arranged in an array under the
exposed pad. The array consists of alternating rows of 13 vias and
12 vias, maximizing the number of vias within the area. The area
under the exposed pad is also tied to ground on the bottom layer
of the PCB. If multiple ground layers exist, tie these layers together
by the vias. The external layer of the PCB must be a minimum of 1
oz. copper. The minimum average plated hole wall thickness of the
vias must not be less than 0.001 inches. Additional copper and vias
extending beyond the top and bottom of the ADCA3280 package
can provide a small additional thermal benefit.
Figure 23 shows the recommended solder dispense pattern for
the ADCA3280. The pads are fully covered with solder, while the
thermal pad has 40% coverage broken into squares to minimize
solder voiding.
For further information on optimizing the thermal performance while
using the ADCA3280, refer to the AN-1604 Application Note, Ther-
mal Management Calculations for RF Amplifiers in LFCSP and
Flange Packages.
Figure 22. Recommended PCB Layout (Dimensions Shown in Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com