Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADCA3280ACEZ Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ Datasheet HTML 15Page - Analog Devices ADCA3280ACEZ Datasheet HTML 16Page - Analog Devices ADCA3280ACEZ Datasheet HTML 17Page - Analog Devices ADCA3280ACEZ Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
ADCA3280
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 18
SUPPLY VOLTAGE AND CURRENT
The ADCA3280 can operate over a range of supply voltage and
current, allowing for optimization of performance for a given DC
power target, or to operate on a range of established power supply
voltage rails.
Supply voltage variation is a straightforward way to alter the device
power consumption, and performance, as a function of the bias
voltage, can be seen for both DOCSIS 3.1 and DOCSIS 4.0 loading
in the DOCSIS 3.1 Downstream Performance section and the DOC-
SIS 4.0 Downstream Performance section, respectively. While the
ADCA3280 is designed with 24 V supply rails in mind, significant ef-
ficiency gains are possible with a lower supply voltage. The majority
of the data presented in this data sheet demonstrates operation at
21 V with little or no loss of performance compared with 24 V. For
some applications, such as those with 1.2 GHz channel loading, as
seen in the DOCSIS 3.1 Downstream Performance section, there is
no significant change in performance with bias as low as 18 V.
The ADCA3280 also offers adjustable supply current. The IADJ pin
(Pin 2) allows the user to adjust the bias current of the device. If
left floating, the current self sets to more than the nominal operating
current by 20 mA to 40 mA. The voltage at the IADJ pin can be
directly set with a supply capable of sinking current, set by using a
supply and an external resistor network, or set with a resistor direct-
ly to ground. An internal voltage reference die is used to keep the
bias current well centered as a function of process and temperature
variation. Generally, to increase IDD more than a nominal set point,
a supply must source current into the IADJ network. To decrease
IDD, the supply must sink current from the IADJ network. The typical
device current as a function of the voltage at the IADJ pin can
be seen in Figure 25. The typical device current as a function of
voltage at the IADJ node in the recommended application circuit
can be seen in Figure 26.
Figure 25. IDD vs. IADJ Voltage over VDD
Figure 26. IDD vs. Application Circuit IADJ Voltage over VDD
INTERNAL THERMAL MONITOR
The ADCA3280 has an internally mounted 10 kΩ NTC resistor that
can be used to monitor the temperature of the backside paddle of
the device. The NTC can be monitored directly through the TSEN
pin (Pin 8) with an ohmmeter, or by applying a small constant volt-
age (such as 0.1 V) or current (such as 0.01 mA) and calculating
the resulting resistance. Take care to minimize power dissipation in
the NTC because inaccuracies due to self heating or damage can
occur. Ideally, power dissipated in the thermistor must be less than
1 mW and not exceed 5 mW at any operating temperature. Figure
27 shows the relationship of the thermistor resistance measurement
to the paddle temperature of the ADCA3280.
Figure 27. TSEN Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com