Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 1 Page - Analog Devices

  ADCA3280ACEZ Datasheet HTML 1Page - Analog Devices ADCA3280ACEZ Datasheet HTML 2Page - Analog Devices ADCA3280ACEZ Datasheet HTML 3Page - Analog Devices ADCA3280ACEZ Datasheet HTML 4Page - Analog Devices ADCA3280ACEZ Datasheet HTML 5Page - Analog Devices ADCA3280ACEZ Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
ADCA3280
DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Excellent linearity for TCP up to 75 dBmV
►
Power gain: 22.7 dB at 1794 MHz
►
S11: <−17 dB from 108 MHz to 1794 MHz
►
S22: <−19 dB from 108 MHz to 1794 MHz
►
Flexible supply voltage range: 24 V to 18 V
►
Adjustable supply current: 570 mA to 450 mA
►
Internal precision voltage reference to improvement current sta-
bility over process and temperature
►
Internal temperature monitor
►
Industry standard, 9-terminal, 9 mm x 8 mm LGA_CAV, surface-
mounted package
►
Excellent thermal conductivity
APPLICATIONS
►
258 MHz to 1794 MHz extended spectrum CATV infrastructure
amplifier systems
►
108 MHz to 1218 MHz CATV infrastructure amplifier systems
►
Remote nodes
►
DOCSIS 3.1 and 4.0 compliant
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADCA3280 is a power doubler with 22.7 dB of power gain
at 1794 MHz designed for operation in 24 V applications. The am-
plifier can also be operated with a lower supply voltage, providing
superior efficiency as seen in Figure 10, Figure 17, and Figure 20.
The device achieves high RF output up to 75 dBmV total composite
power (TCP) with excellent noise power ratio (NPR), or equivalently
modulation error ratio (MER), with channel loading to 1.8 GHz as
well as 1.2 GHz, making it an ideal output stage device for DOC-
SIS 4.0 as well as DOCSIS 3.1 equipment. The DC current and
supply voltage can be adjusted externally for optimum distortion
performance vs. power consumption over a range of output levels.
The ADCA3280 provides high performance, simplifying the design
and manufacturing of DOCSIS 3.1 and DOCSIS 4.0 infrastructure
equipment.
The ADCA3280 is packaged in an industry standard 9-terminal, 9
mm x 8 mm LGA package.


Similar Part No. - ADCA3280ACEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3270-EVALZ AD-ADCA3270-EVALZ Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3270ACEZ AD-ADCA3270ACEZ Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3270ACEZ-R7 AD-ADCA3270ACEZ-R7 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
More results

Similar Description - ADCA3280ACEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024 Datasheet
164Kb / 11P
Quad 350 MHz 24 V Amplifier
REV.B
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
logo
Analog Devices
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
12/2020-Revision 0
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
11/2020-Revision 0
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3992 AD-ADCA3992 Datasheet
272Kb / 9P
45 MHz to 1218 MHz, CATV Power Doubler Hybrid
1/2020-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com