Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 2 Page - Analog Devices

  ADCA3280ACEZ Datasheet HTML 1Page - Analog Devices ADCA3280ACEZ Datasheet HTML 2Page - Analog Devices ADCA3280ACEZ Datasheet HTML 3Page - Analog Devices ADCA3280ACEZ Datasheet HTML 4Page - Analog Devices ADCA3280ACEZ Datasheet HTML 5Page - Analog Devices ADCA3280ACEZ Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
ADCA3280
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 18
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
General Performance......................................... 3
Distortion Data....................................................4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Typical Performance Characteristics..................... 7
S-Parameters..................................................... 7
DOCSIS 4.0 Downstream Performance.............8
DOCSIS 3.1 Downstream Performance.............9
Noise Performance...........................................11
Theory of Operation.............................................12
Applications Information...................................... 13
Thermal Considerations................................... 13
Soldering Information and Recommended
PCB Land Pattern.......................................... 13
Recommended Applications Circuit and
BOM............................................................... 15
Supply Voltage and Current............................. 17
Internal Thermal Monitor.................................. 17
Outline Dimensions............................................. 18
Ordering Guide.................................................18
Evaluation Boards............................................ 18
REVISION HISTORY
7/2023—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com