Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAD184218FV-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PXAD184218FV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAD184218FV-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PXAD184218FV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PXAD184218FV
Rev. 04, 2023-06-26
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit, 1805 – 1880 MHz
Reference circuit assembly diagram (not to scale)
C208
C204
C205
C216
C212
C213
C215
C206
C209
C201
C202
C214
C203
C217
C207
C801
R802
C803
R801
R803
C804 C802
R804
C105
R104
R101
C101
C103
C102
C106
R105
C108
R102
R103
C104
C107
PXAD184218FV_IN_02
PXAD184218FV_OUT_02
(276)
(276)
RO4350, 20 MIL
RO4350, 20 MIL
U1
S1
S3
S2
C219
C218
C211
C210
VDD
RF_OUT
RF_IN
VGS(PEAK)
VDD
VGS(MAIN)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com