Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAD184218FV-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXAD184218FV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAD184218FV-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXAD184218FV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Rev. 04, 2023-06-26
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PXAD184218FV
PXAD184218FV
Package H-37275G-6/2
Thermally-Enhanced High Power RF LDMOS FET
420 W, 28 V, 1805 – 1880 MHz
Features
• Broadband internal input and output matching
• Asymmetrical Doherty design
- Main : P1dB = 130 W Typ
- Peak : P1dB = 290 W Typ
• Typical Pulsed CW performance, 1842.5 MHz, 28 V,
Doherty configuration
- Output power at P3dB = 420 W
- Efficiency = 62%
- Gain = 14 dB
• Capable of handling 10:1 VSWR @ 28 V, 110 W (WCDMA)
output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXAD184218FV is a 420-watt (P3dB) LDMOS FET with an asymmetrical
designintendedforuseinmulti-standardcellularpoweramplifierapplica-
tions in the 1805 to 1880 MHz frequency band. Features include dual-path
design, input and output matching, high gain and thermally-enhanced
package with earless flanges. Manufactured with Wolfspeed's advanded
LDMOS process, this device provides excellent thermal performance and
superior reliability.
RF Characteristics
Two-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 28 V, IDQ = 720 mA, VGS(PEAK) = 1.4 V, POUT = 60 W avg, ƒ = 1880 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average =
10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Linear Gain
Gps
15
16
—
dB
Drain Efficiency
hD
49
51.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–28
–25.0
dBc
Output PAR@0.01% CCDF
OPAR
6.8
7.7
—
dBc
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ(MAIN) = 720 mA,
VGS(PEAK) = 1.4 V, ƒ = 1880 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
pxad184218fv_g1


Similar Part No. - PXAD184218FV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
More results

Similar Description - PXAD184218FV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
logo
WOLFSPEED, INC.
PXFE181507FC WOLFSPEED-PXFE181507FC Datasheet
695Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com