Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAD184218FV-V1-R0 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PXAD184218FV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAD184218FV-V1-R0 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

  PXAD184218FV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PXAD184218FV
Rev. 04, 2023-06-26
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications
Package H-37275G-6/2
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D1, D2 – drains; G1, G2 – gates; S – source; V1, V2 – V
DD.
5. Lead thickness: 0.13 + 0.051/–0.025 mm [0.005+0.002/–0.001 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].
(1.63
[0.064])
4.58+0.25
-0.13
[.180+.010
-.005 ]
32.26
[1.270]
31.24±0.28
[1.230±.011]
CL
S
SPH 2.134
[.084]
H-37275G-6/2_sl_po_03_07-25-2013
2X 45° x .64
[.025]
V2
2X 2.29
[.090]
(13.72
[.540])
2X 2.22
[.087]
30.61
[1.205]
2X (1.27
[.050])
2X 30°
L
C
CL
L
C
4X R0.51+.38
-.13
[R.020+.015
-.005 ]
4X 12.45
[.490]
CL
G1
G2
D2
D1
V1
2X 26.16
[1.030]
(18.24
[.718])
10.16
[.400]
6X 4.04±0.51
[.159±.020]
9.14
[.360]
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com