Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAD184218FV-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PXAD184218FV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAD184218FV-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PXAD184218FV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXAD184218FV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PXAD184218FV
Rev. 04, 2023-06-26
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PXAD184218FV V1
Test Fixture Part No.
LTA/PXAD184218FV V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 1805 – 1880 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at http://www.wolfspeed.com/RF
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C106
Capacitor, 22 pF
ATC
ATC800A220JT250T
C102
Capacitor, 1.8 pF
ATC
ATC800A1R8CT250T
C103
Capacitor, 0.6 pF
ATC
ATC800A0R6CT250T
C104, C107
Capacitor, 33 pF
ATC
ATC800A330JT250T
C105, C108
Capacitor, 10 µF
Murata Electronics North America
LLL31MR60J106ME01L
R101, R102, R103, R104
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R105
Resistor, 50 ohms
Richardson
C16A50Z4
C801, C802, C803, C804
Capacitor, 1000 pF
AVX Corporation
06031C102KAT2A
R801
Resistor, 100 ohms
Panasonic Electronic Components
ERJ-8GEYJ101V
R802
Resistor, Chip 1.3K ohms
Panasonic Electronic Components
ERJ-3GEYJ132V
R803
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R804
Resistor, CHIP 1.2K ohms
Panasonic Electronic Components
ERJ-3GEYJ122V
S1
Resistor, Variable 2K ohms
Bourns Inc.
3224W-1-202E
S2
Transistor
Diodes Incorporated
BCP5616TA
S3
Voltage Regulator
Texas Instruments
LM78L05ACM
U1
Hybrid Coupler
Anaren
05X3C19P1-05S
Output
C201
Capacitor, 7.5 pF
ATC
ATC800A7R5JT250T
C202
Capacitor, 33 pF
ATC
ATC800A330JT250T
C203
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250T
C204, C205, C206, C208,
C209, C212, C213
C214, C216, C217
Capacitor,10 µF
Taiyo Yuden
UMK325C7106MM-T
C207, C215
Capacitor, 22 pF
ATC
ATC800A220JT250T
C210, C211, C218, C219
Capacitor, 220 µF
Panasonic Electronic Components
PCE4444TR-ND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com