Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8D52 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC8D52
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC8D52 Datasheet(HTML) 1 Page - Sharp Corporation

  PC8D52 Datasheet HTML 1Page - Sharp Corporation PC8D52 Datasheet HTML 2Page - Sharp Corporation PC8D52 Datasheet HTML 3Page - Sharp Corporation PC8D52 Datasheet HTML 4Page - Sharp Corporation PC8D52 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
θ
θ
PC8Q52
Internal connectiondiagram
PC8Q52
Anode
Cathode
Emitter
Collector
θ=0 to 13˚
0.9±
0.2
1.2±
0.3
19.82±
0.5
7.62±
0.3
0.26±
0.1
0.5±
0.1
2.54±
0.25
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1 3 5 7
2 4 6 8
9 11 13 15
10 12 14 16
❈ (Note) : The diode of output side is not a protection diode of
reverse voltage.
PC8D52/PC8Q52
PC8D52/PC8Q52
1. Telephones
2. Facsimiles
3. Modems
4. Set-top Boxes
■ Features
■ Applications
High Collector-emitter Voltage
Type Photocouplers
1. High collector-emitter voltage VCEO:350V
2. High current transfer ratio
(CTR:MIN. 1 000% at IF
=1mA, VCE=2V)
3. High isolation voltage between input and output
(Viso (rms):5kV)
4. Compact dual-in-line package
PC8D52 (2-channel type)
PC8Q52 (4-channel type)
5. Recognized by UL (NO. E64380)
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
■ Outline Dimensions
(Unit : mm)
PC8D52
Internal connection
diagram
PC8D52
Anode
Cathode
Emitter
Collector
2.54±
0.25
0.9±
0.2
1.2±
0.3
9.66±
0.5
0.5±
0.1
θ
θ
θ=0 to 13˚
7.62±
0.3
0.26±
0.1
8
8
7
6
5
1
2
3
4
1
1 3
2 4
5 7
6 8
2
3
4
7
6
5
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio:0.001
*2 40 to 60%RH, AC for 1 minute
*3 For 10s
Rating
50
1
Reverse voltage
V
VR
6
70
350
0.1
150
150
200
−30 to +100
−55 to +125
260
5kV


Similar Part No. - PC8D52

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC8 LSTD-PC8 Datasheet
474Kb / 2P
Precise temperature control
PC8010N LSTD-PC8010N Datasheet
415Kb / 1P
All-welded unit construction
PC8010N LSTD-PC8010N Datasheet
415Kb / 1P
No adjustments ever needed
PC804N LSTD-PC804N Datasheet
415Kb / 1P
All-welded unit construction
PC804N LSTD-PC804N Datasheet
415Kb / 1P
No adjustments ever needed
More results

Similar Description - PC8D52

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC852 SHARP-PC852 Datasheet
102Kb / 5P
High Collector-emitter Voltage Type Photocouplers
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Lite-On Technology Corp...
CNY17F-2M LITEON-CNY17F-2M Datasheet
171Kb / 9P
High collector-emitter voltage
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com