Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8D52 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC8D52
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC8D52 Datasheet(HTML) 4 Page - Sharp Corporation

  PC8D52 Datasheet HTML 1Page - Sharp Corporation PC8D52 Datasheet HTML 2Page - Sharp Corporation PC8D52 Datasheet HTML 3Page - Sharp Corporation PC8D52 Datasheet HTML 4Page - Sharp Corporation PC8D52 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC8D52/PC8Q52
Frequency f (kHz)
0
0.1
1
10
100
100
Ω 10Ω
VCE
=2V
IC
=20mA
Ta
=25˚C
RL
=1kΩ
1 000
−25
−20
−15
−10
−5
Fig.11 Frequency Response
Forward current IF (mA)
0
0
1
2
3
4
5
12345
10mA
30mA
50mA
70mA
100mA
Ta
=25˚C
IC
=5mA
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com