Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8D52 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC8D52
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC8D52 Datasheet(HTML) 3 Page - Sharp Corporation

  PC8D52 Datasheet HTML 1Page - Sharp Corporation PC8D52 Datasheet HTML 2Page - Sharp Corporation PC8D52 Datasheet HTML 3Page - Sharp Corporation PC8D52 Datasheet HTML 4Page - Sharp Corporation PC8D52 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC8D52/PC8Q52
0
0.1
0.2
0.5
10
12
5
Forward current IF (mA)
VCE
=2V
Ta
=25˚C
5 000
4 000
3 000
2 000
1 000
Fig.5 Current Transfer Ratio vs. Forward
Current
0
0
100
200
12345
0.5mA
1mA
1.5mA
2mA
2.5mA
3mA
5mA
Collector-emitter voltage VCE (V)
PC (MAX.)
Ta
=25˚C
I
F =10mA
Fig.6 Collector Current vs. Collector-emitter
Voltage
50
0
100
150
0
20406080
100
Ambient Temperature Ta (˚C)
IF
=1mA
VCE
=2V
−30
0
−30
0.2
0
20406080
100
0.4
0.6
0.8
1.0
1.2
Ambient temperature Ta (˚C)
IF
=20mA
IC
=100mA
Fig.7 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.8 Collector - emitter Saturation Voltage
vs. Ambient Temperature
20
0
40
60
80
100
10
10
10
9
10
8
10
7
10
6
10
5
Ambient temperature Ta (˚C)
VCE
=200V
−30
10
11
Fig.9 Collector Dark Current vs. Ambient
Temperature
2
1
5
10
20
50
100
200
500
0.01
0.1
1
10
VCE
=2V
IC
=20mA
Ta
=25˚C
tr
tf
td
ts
1 000
Load resistance RL (k
Ω)
Fig.10 Response Time vs. Load Resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com