Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8D52 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC8D52
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC8D52 Datasheet(HTML) 2 Page - Sharp Corporation

  PC8D52 Datasheet HTML 1Page - Sharp Corporation PC8D52 Datasheet HTML 2Page - Sharp Corporation PC8D52 Datasheet HTML 3Page - Sharp Corporation PC8D52 Datasheet HTML 4Page - Sharp Corporation PC8D52 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC8D52/PC8Q52
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Collector current
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
Cut-off frequency
MIN.
10
5
×1010
1
TYP.
1.2
30
40
1011
0.6
7
100
20
MAX.
1.4
10
250
200
150
1.2
1.0
300
100
Unit
V
µA
pF
nA
mA
V
pF
kHz
µs
µs
Symbol
VF
IR
Ct
ICEO
IC
VCE (sat)
RISO
fc
tr
tf
Cf
Response time
Rise time
Fall time
Input
Output
IF
=10mA
VR
=4V
V
=0, f=1kHz
VCE
=200V, IF=0
Collector-emitter breakdown voltage
350
−−
V
BVCEO
IC
=0.1mA, IF=0
IF
=1mA, VCE=2V
IF
=20mA, IC=100mA
V
=0, f=1MHz
VCE
=2V, IC=20mA, RL=100Ω
VCE
=2V, IC=20mA, RL=100Ω, −3dB
DC500V, 40 to 60%RH
(Ta
=25˚C)
0
0
125
100
200
50
150
25
50
75
100
−30
Ambient temperature Ta (˚C)
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
0
−30
10
0
25
50
75
100
125
20
30
40
50
60
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs. Ambient
Temperature
Duty ratio
5
5
Pulse width
≤100µs
Ta
=25˚C
10
20
100
50
200
500
2
10
3
10
2
52
10
1
52
5
1
10 000
5 000
2 000
1 000
Fig.3 Peak Forward Current vs. Duty Ratio
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
Forward voltage VF (V)
50˚C
25˚C
0˚C
−25˚C
Ta
=75˚C
Fig.4 Forward Current vs. Forward Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com