Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD6710 Datasheet(PDF) 75 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 75 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 71Page - Intel Corporation PD6710 Datasheet HTML 72Page - Intel Corporation PD6710 Datasheet HTML 73Page - Intel Corporation PD6710 Datasheet HTML 74Page - Intel Corporation PD6710 Datasheet HTML 75Page - Intel Corporation PD6710 Datasheet HTML 76Page - Intel Corporation PD6710 Datasheet HTML 77Page - Intel Corporation PD6710 Datasheet HTML 78Page - Intel Corporation PD6710 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
75
Bits 4:1 — PD67XX Revision Level
This field identifies the revision of the controller. The initial value is ‘111’.
Bit 5 — Dual/Single Socket*
This bit specifies the number of sockets supported by the PD67XX.
Bits 7:6 — PC Card Controller Identification
This field identifies a PC Card controller device. After chip reset or doing an I/O write to this
register, the first read of this register will return ‘11’. On the next read, this field will be ‘00’. This
pattern of toggling data on subsequent reads can be used by software to determine presence of a PC
Card controller in a system or to determine occurrence of a device reset.
10.5
ATA Control
Bit 0 — ATA Mode
This bit reconfigures the particular socket as an ATA drive interface. Refer to Table 17 on page 88
for PC Card socket pin definitions in ATA mode.
0
Chip identified as a single-socket controller.
1
Chip identified as a dual-socket controller.
00
Second read after I/O write to this register.
11
First read after I/O write to this register.
Register Name: ATA Control
Index: 26h
Register Per: socket
Register Compatibility Type: ext.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
A25/CSEL
A24/M/S*
A23/VU
A22
A21
Scratchpad
Bit
Speaker Is
LED Input
ATA Mode
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
0
Normal operation.
1
Configures the socket interface to handle ATA-type disk drives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com