Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD6710 Datasheet(PDF) 19 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 19 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 15Page - Intel Corporation PD6710 Datasheet HTML 16Page - Intel Corporation PD6710 Datasheet HTML 17Page - Intel Corporation PD6710 Datasheet HTML 18Page - Intel Corporation PD6710 Datasheet HTML 19Page - Intel Corporation PD6710 Datasheet HTML 20Page - Intel Corporation PD6710 Datasheet HTML 21Page - Intel Corporation PD6710 Datasheet HTML 22Page - Intel Corporation PD6710 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
19
SPKR_OUT*/
C_SEL
Speaker Out / Chip Select: This I/O pin can
be used as a digital output to a speaker to
allow a system to support a PC Card’s -
SPKR pin for fax/modem/voice and audio.
During reset this pin also serves as a chip-
configuration input.
If the level on this pin is low when
PWRGOOD rises, the PD6710 is configured
to support cards as a PC Card Socket 2
device, and the PD6722 is configured to
support cards as PC Card Socket 2 and
Socket 3 devices.
If the level on this pin is high when
PWRGOOD rises, the PD6710 is configured
to support cards as a PC Card Socket 0
device, and the PD6722 is configured to
support cards as PC Card Socket 0 and
Socket 1 devices.
This pin is internally pulled up during reset
so that default configuration of the chip as a
Socket 0 (and Socket 1 for PD6722) is
facilitated. Adhere to the minimum pulse-
width timing specification for PWRGOOD to
allow the internal pull-up to operate and
ensure the default configuration. Refer to
“Bit 6 — Socket Index” on page 41 for more
information on chip configuration.
After reset operations have completed, this
pin defaults to high-impedance, and can
then be enabled as a totem-pole speaker
output by the setting of a card socket’s
Speaker Enable bit (Misc Control 1
register, bit 4). This output then becomes
the negative polarity XOR of each socket’s
BVD2/-SPKR/-LED input that has its
Speaker Enable bit set. For a description of
socket index values, refer to Table 11.
142
202
1
I/O-
PU
4
12 mA
CLK
Clock: This input is connected to the ISA
bus OSC signal. A 14.318-MHz signal is
used to derive the internal 25-MHz clock
used for all socket timing. Alternately, a 25-
MHz clock source can be directly connected
and the internal synthesizer bypassed.
102
163
1
I
4
–
-VPP_VALID
In default mode this is a status input that can
be used by software as an indication that the
VPP power supply is stable.
When the PD6722 is in DMA mode (see
Misc Control 2, bit 6), this input is connected
to the TC (Terminal Count) signal of the ISA
bus. In DMA mode, this signal is active-high.
43
1
I
1
–
ISA_VCC
System Bus VCC: This supply pin can be
set to 3.3 or 5.0 V. The ISA Bus Interface pin
group (this table) operates at the voltage
applied to this pin independent of the
voltage applied to other pin groups.
76, 135
138, 195
2
PWR
––
Table 1.
ISA Bus Interface Pins (Sheet 4 of 4)
Pin Name
Description
Pin Number
Qty.
I/O
Pwr.
Drive
PD6710
PD6722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com