Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD6710 Datasheet(PDF) 39 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 39 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 35Page - Intel Corporation PD6710 Datasheet HTML 36Page - Intel Corporation PD6710 Datasheet HTML 37Page - Intel Corporation PD6710 Datasheet HTML 38Page - Intel Corporation PD6710 Datasheet HTML 39Page - Intel Corporation PD6710 Datasheet HTML 40Page - Intel Corporation PD6710 Datasheet HTML 41Page - Intel Corporation PD6710 Datasheet HTML 42Page - Intel Corporation PD6710 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
39
5.0
Register Description Conventions
Register Headings
The description of each register starts with a header containing the following information:
Special Function Bits
Following is a description of bits with special functions:
Header Field
Description
Register Name
Indicates the register name.
Index1
The Index value through which an internal
register in an indexed register set is accessed.
Register Per
Indicates whether the register affects both
sockets, marked chip, or an individual socket,
marked socket. If socket is indicated, there
are two registers being described, each with a
separate Index value (one for each socket, A
and B). a
Register
Compatibility
Type
Indicates whether the register is 82365SL-
compatible, marked 365 or a register
extension, marked ext.
1. When the register is socket-specific, the Index value given in
the register heading is for Socket A only. For the Socket B
register on the PD6722, add 40h to the Index value of the
Socket A register.
Bit Type
Description
Reserved
These bits are Reserved and should not be
changed.
Compatibility Bit
These bits have no function on the PD67XX,
but are included for compatibility with the
82365SL register set.
0 or 1
These read-only bits are forced to either ‘0’ or
‘1’ at reset and cannot be changed.
Scratchpad Bit
These read/write bits are available for use as
bits of memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com