Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD6710 Datasheet(PDF) 49 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 49 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 45Page - Intel Corporation PD6710 Datasheet HTML 46Page - Intel Corporation PD6710 Datasheet HTML 47Page - Intel Corporation PD6710 Datasheet HTML 48Page - Intel Corporation PD6710 Datasheet HTML 49Page - Intel Corporation PD6710 Datasheet HTML 50Page - Intel Corporation PD6710 Datasheet HTML 51Page - Intel Corporation PD6710 Datasheet HTML 52Page - Intel Corporation PD6710 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
49
Table 12. Enabling of Socket Power Controls
PWRGOOD
Level
Power Control
Register
-CD1 and
-CD2 Both
Active Low
Interface Status
Register
(see page 47)
-VCC_3
and
-VCC_5
Levels
VPP1_PGM and
VPP1_VCC
Levels
Bit 4:
VCC Power
Bit 5:
Auto- Power
Bit 6: Card Power
On
Low
X
X
X
0
Inactive high
Inactive low
High
0
X
X
0
Inactive high
Inactive low
High
1
0
X
1
Activated per
Misc Control 1
register, bit 1
Activated per
Power Control
register,
bits 1 and 0
High
1
1
No
0
Inactive high
Inactive low
High
1
1
Yes
1
Activated per
Misc Control 1
register, bit 1
Activated per
Power Control
register,
bits 1 and 0
Table 13. Enabling of Outputs to Card Socket
PWRGOOD
Level
-CD1 and
-CD2 Both
Active Low
Power Control Register
PD67XX Signal
Outputs to Socket
Bit 4:
VCC Power
Bit 7:
Card Enable
Low
X
X
X
High impedance
High
No
X
X
High impedance
High
Yes
0
0
High impedance
High
Yes
0
1
Enabled
High
Yes
1
0
High impedance
High
Yes
1
1
Enabled
Bit Name
Value
Description
VCC Power
1
Enables VCC to level described by VCC 3.3V (see “Bit 4 — VCC Power” on
page 50)
Auto-Power
1
Enables Auto-power mode
Card Enable
1
Enables socket output drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com