Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1085 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP1085
Description  3A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP1085 Datasheet HTML 4Page - Sipex Corporation SP1085 Datasheet HTML 5Page - Sipex Corporation SP1085 Datasheet HTML 6Page - Sipex Corporation SP1085 Datasheet HTML 7Page - Sipex Corporation SP1085 Datasheet HTML 8Page - Sipex Corporation SP1085 Datasheet HTML 9Page - Sipex Corporation SP1085 Datasheet HTML 10Page - Sipex Corporation SP1085 Datasheet HTML 11Page - Sipex Corporation SP1085 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
0
Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
mechanical Dimensions (continued)
to-252
Unit: mm(inch)

7
0.020(0.00)
0.460(0.08)
2.240(0.088)
0.750(0.030)
0.640(0.025)
5.230(0.206)
6.380(0.25)
2.80(0.086)
0.600(0.024)
5
5
8
0.400(0.06)
0.50(0.020)
0.480(0.0)
.080(0.043)
45
6.680(0.263)
0.580(0.023)
2.380(0.04)
5.430(0.24)
2.340(0.02)
2.240(0.088)
2.340(0.02)
0.780(0.03)
0.850(0.033)
.320(0.052)
0.540(0.02)
0.20(0.005)
2.0
3.0
2.0
3.0
PAckAge: 3 Pin to-252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com