Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1085 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP1085
Description  3A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP1085 Datasheet HTML 4Page - Sipex Corporation SP1085 Datasheet HTML 5Page - Sipex Corporation SP1085 Datasheet HTML 6Page - Sipex Corporation SP1085 Datasheet HTML 7Page - Sipex Corporation SP1085 Datasheet HTML 8Page - Sipex Corporation SP1085 Datasheet HTML 9Page - Sipex Corporation SP1085 Datasheet HTML 10Page - Sipex Corporation SP1085 Datasheet HTML 11Page - Sipex Corporation SP1085 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2
Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Circuit Type
Package
V
2: TO-252
ADJ: Adjustable Output
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
-
L: Lead Free
S
P1085
/
TR: Tape and Reel
Blank: Tube
V: TO-220
V
1: TO-263-3
2.85: Fixed Output 2.85V
typical Performance characteristics (continued)
Figure0. Reference Voltage vs. Temperature
Figure 8. Short Circuit Current vs. Dropout Voltage
0
2
4
6
8
0
2
0

2
3
4
5
6
7
Dropout Voltage (V)
0
25
50
75
00
25
.20
.2
.22
.23
.24
.25
.26
.27
.28
T
A (
oC)
Figure . Load Transient Response
0.0
0.5
.0
.5
2.0
2.5
3.0
0.80
0.85
0.0
0.5
.00
.05
.0
.5
.20
.25
.30
Output Current (A)
Figure . Dropout Voltage vs. Output Current
Sipex corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 5035
TEL: (408) 34-7500
FAX: (408) 35-7600
oRDeRing infoRmAtion
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
Part Number
Voltage
Range
Voltage
Accuracy
Temperature
Range
Package Pin
Count Pack Qty
SP1085V2-L/TR
Adj
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V2-L-1-5/TR
1.5V
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V2-L-1-8/TR
1.8V
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V2-L-2-5/TR
2.5V
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V2-L-2-85/TR
2.85V
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V2-L-3-3/TR
3.3V
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V2-L-5-0/TR
5V
±2%
0ºC to +125ºC TO-252
3
2,500/TR
SP1085V1-L/TR
Adj
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V1-L-1-5/TR
1.5V
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V1-L-1-8/TR
1.8V
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V1-L-2-5/TR
2.5V
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V1-L-2-85/TR
2.85V
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V1-L-3-3/TR
3.3V
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V1-L-5-0/TR
5V
±2%
0ºC to +125ºC TO-263
3
800/TR
SP1085V-L
Adj
±2%
0ºC to +125ºC TO-220
3
50/TUBE
SP1085V-L-1-5
1.5V
±2%
0ºC to +125ºC TO-220
3
50/TUBE
SP1085V-L-1-8
1.8V
±2%
0ºC to +125ºC TO-220
3
50/TUBE
SP1085V-L-2-5
2.5V
±2%
0ºC to +125ºC TO-220
3
50/TUBE
SP1085V-L-2-85
2.85V
±2%
0ºC to +125ºC TO-220
3
50/TUBE
SP1085V-L-3-3
3.3V
±2%
0ºC to +125ºC TO-220
3
50/TUBE
SP1085V-L-5-0
5V
±2%
0ºC to +125ºC TO-220
3
50/TUBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com