Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1085 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP1085
Description  3A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP1085 Datasheet HTML 4Page - Sipex Corporation SP1085 Datasheet HTML 5Page - Sipex Corporation SP1085 Datasheet HTML 6Page - Sipex Corporation SP1085 Datasheet HTML 7Page - Sipex Corporation SP1085 Datasheet HTML 8Page - Sipex Corporation SP1085 Datasheet HTML 9Page - Sipex Corporation SP1085 Datasheet HTML 10Page - Sipex Corporation SP1085 Datasheet HTML 11Page - Sipex Corporation SP1085 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
mechanical Dimensions
Unit: mm(inch)
3.560(0.40)
.60(0.046)
0.83(0.032)
8.763(0.345)
2.540(0.00)
0.356(0.04)
2.080(0.082)
3
7
3.560(0.40)
7
.660(0.380)
0.550(0.022)
60
0.38(0.05)
2.580(0.02)
60
.500(0.05)
0.200(0.008)
2.540(0.00)
0.38(0.05)
0.406(0.06)
3.380(0.33)
0.660(0.420)
4.060(0.60)
.350(0.053)
4.820(0.0)
2.880(0.3)
.760(0.06)
to-220
PAckAge: 3 Pin to-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com