Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1085 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP1085
Description  3A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085 Datasheet(HTML) 5 Page - Sipex Corporation

  SP1085 Datasheet HTML 1Page - Sipex Corporation SP1085 Datasheet HTML 2Page - Sipex Corporation SP1085 Datasheet HTML 3Page - Sipex Corporation SP1085 Datasheet HTML 4Page - Sipex Corporation SP1085 Datasheet HTML 5Page - Sipex Corporation SP1085 Datasheet HTML 6Page - Sipex Corporation SP1085 Datasheet HTML 7Page - Sipex Corporation SP1085 Datasheet HTML 8Page - Sipex Corporation SP1085 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
electrical characteristics (continued)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
SP1085-5.0,
IOUT = 10mA,
6.6V VIN 10V
0.5
1
10
10
mV
Load Regulation
VOUT
SP1085-ADJ,
0mA IOUT 3A,
VIN - VOUT = 3V
0.1
0.2
0.3
0.4
%
SP1085-1.5,
0mA IOUT 3A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1085-1.8,
0mA IOUT 3A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1085-2.5,
0mA IOUT 3A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1085-2.85,
0mA IOUT 3A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1085-3.3,
0mA IOUT 3A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1085-5.0,
0mA IOUT 3A,
VIN - VOUT = 3V
5
10
20
35
mV
Dropout Voltage
IO = 3A, VREF, VOUT = 1%
1.3
1.5
V
Current Limit
ILIMIT VIN - VOUT = 3V,
3.2
Minimum Load Current
VIN = 10V (SP1085-ADJ)
3
10
mA
Quiescent Current
VIN = 10V (SP1085)
5
10
mA
Ripple Rejection
fRIPPLE = 120Hz, COUT = 25 F Tantalum,
IOUT = 3A, VIN - VOUT = 3V
60
72
dB
Adjust Pin Current
VIN = 4.25V, IOUT = 10mA
55
120
A
Adjust Pin Current
Change
10mA IOUT
A,
1.5V VIN -VOUT 6V
0.2
5
A
Long Term Stability
TA = 125oC, 1000Hrs
0.5
%
Temperature Stability
IOUT = 10mA, VIN - VOUT = 1.5V
0.5
%
RMS Noise
(% of VOUT)
TA = 25oC, 10Hz f 10kHz
0.003
%
Thermal Resistance
Junction-to-Case
JC
3
3
oC / W
Typicals and limits appearing in normal type apply for TJ = 25oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range 0 to 125oC.
TO-263
TO-220
TO-252
4.5
A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com