Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8987LGECO/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8987LGECO/V
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987LGECO/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8987LGECO/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Pre-Production
WM8987L
w
PP Rev 3.0 January 2007
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
ROUT2VOL
[6:0]
1111001
(0dB)
ROUT2 volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
7
RO2ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R41 (29h)
ROUT2
Volume
8
RO2VU
0
ROUT2 Volume Update
0 = Store ROUT2VOL in intermediate
latch (no gain change)
1 = Update gain for both channels
(right=ROUT2VOL, left=from
intermediate latch)
R24 (18h)
Additional
Control (2)
4
ROUT2INV
0
ROUT2 Invert
0 = No Inversion (0
° phase shift)
1 = Signal inverted (180
° phase shift)
Table 26 LOUT2/ROUT2 Volume Control
For single-ended operation, the LO2VU and RO2VU bits provide a method to ensure that the left and
right channel gains are updated at the same time (irrespective of the time delay between writing to
registers R40 and R41).
OUT3 OUTPUT
The OUT3 pin can drive a 16
Ω or 32Ω headphone or be used as a DC reference for a capless
headphone output (see page 55). OUT3SW selects the mode of operation required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
8
OUT3SW
0
OUT3 select
0 : VREF
1 : mono mixer (volume controlled by MONOVOL)
Table 27 OUT3 Select
When OUT3SW=1, OUT3 drives out the inverted signal from the mono mixer. In this case, the mono
mixer should be enabled (MONO=1 in R26). The signal amplitude at the OUT3 output can be
adjusted under software control by writing to MONOVOL in R42.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
MONOVOL
[6:0]
1111001
(0dB)
Mono Mixer Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
R42 (2Ah)
Mono mixer
Volume
7
MOZC
0
Mono Mixer zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
Table 28 Mono Mixer Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com