Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8987LGECO/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8987LGECO/V
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987LGECO/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8987LGECO/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
WM8987L
Pre-Production
w
PP Rev 3.0 January 2007
34
ENABLING THE OUTPUTS
The analogue outputs and output mixers of the WM8987L can be separately enabled or disabled as
shown in Table 29.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
ROUT1
0
Enables ROUT1 and right mixer
4
LOUT2
0
Enables LOUT2 and left mixer
3
ROUT2
0
Enables ROUT2 and right mixer
2
MONO
0
Enable mono mixer
R26 (1Ah)
Power
Management
(2)
1
OUT3
0
Enables OUT3
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 29 Analogue Output Control
All outputs and mixers are disabled by default. To save power, they should remain disabled
whenever possible. Outputs can be enabled at any time, except when VREF is disabled (VR=0), as
this may cause pop noise (see “Power Management” and “Applications Information” sections).
Whenever an analogue output is disabled, it remains connected to the VREF voltage through an
internal resistor. This helps to prevent pop noise when the output is re-enabled. The resistance
between VREF and each output can be controlled using the VROI bit in register 27. The default is
low (1.5k
Ω), so that any capacitors on the outputs can charge up quickly at start-up. If a high
impedance is desired for disabled outputs, VROI can then be set to 1, increasing the resistance to
about 40k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (1)
6
VROI
0
VREF to analogue output resistance
0: 1.5 k
1: 40 k
Table 30 Disabled Outputs to VREF Resistance
THERMAL SHUTDOWN
The analogue outputs can drive large currents. To protect the WM8987L from overheating, a thermal
shutdown circuit is included. If the device temperature reaches approximately 150
0C and the thermal
shutdown circuit is enabled (TSDEN = 1) then the output amplifiers (pins ROUT1, LOUT2, ROUT2
and OUT3) are disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 31 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com