Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8987LGECO/V Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8987LGECO/V
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987LGECO/V Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8987LGECO/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8987LGECO/V Datasheet HTML 58Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
WM8987L
Pre-Production
w
PP Rev 3.0 January 2007
54
Figure 47 Driving single-ended headphones using DC-blocking capacitors
It requires the following register settings:
•
Set only the LOUT2 and ROUT2 bits in R26 to ‘1’ to enable LOUT2, ROUT2 and the
associated mixers. The ROUT1, MONO and OUT3 bits should remain at ‘0’.
•
Set LD2LO (R34) and RD2RO (R37) to ‘1’ to enable the correct audio paths (in the case
of audio playback from an analogue source, select the input pin using LMIXSEL and
RMIXSEL, and set LI2LO/RI2RO instead of LD2LO/RD2RO).
•
Leave ROUT2INV = 0 in R24, so that the right-channel signal going to ROUT2 is not
inverted.
•
The left channel volume is controlled by LOUT2VOL.
•
The right channel volume is controlled by ROUT2VOL.
This method for driving a headphone requires two capacitors in the LOUT2 and ROUT2 paths. Their
capacitance C and the load resistance R together determine the lower cut-off frequency, fc.
Increasing R or C lowers fc, improving the bass response. Smaller capacitance values will diminish
the bass response. For example, assuming a 16 Ohm load and C = 220
µF:
fc = 1 / 2
π RLC1 = 1 / (2π x 16Ω x 220µF) = 45 Hz
CAPLESS DRIVE
To drive single-ended headphones without DC blocking capacitors, the analogue outputs should be
used as follows:
•
LOUT2 is the left output
•
ROUT2 is the right output
•
OUT3 is a pseudo-ground output for the headphone
•
ROUT1 is unused and should be disabled
This setup is illustrated in Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com