Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMAV335 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMAV335
Description  Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV335 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMAV335 Datasheet HTML 2Page - STMicroelectronics STMAV335 Datasheet HTML 3Page - STMicroelectronics STMAV335 Datasheet HTML 4Page - STMicroelectronics STMAV335 Datasheet HTML 5Page - STMicroelectronics STMAV335 Datasheet HTML 6Page - STMicroelectronics STMAV335 Datasheet HTML 7Page - STMicroelectronics STMAV335 Datasheet HTML 8Page - STMicroelectronics STMAV335 Datasheet HTML 9Page - STMicroelectronics STMAV335 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
4 Maximum Ratings
STMAV335
6/21
4
Maximum Ratings
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 3.
Absolute Maximum Ratings
TA = 25°C, VSS= 0V
Note:
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referenced to GND.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to + 7.0
V
VS
DC Switch Voltage
-0.5 to + 7.0
V
VIN
DC Input Voltage
-0.5 to + 7.0
V
IIK
DC Input Diode Current
-50
mA
IOUT
DC Output Sink Current
128
mA
ICC/IGND
DC VCC/GND Current
±100
mA
TSTG
Storage Temperature Range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com