Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMAV335 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMAV335
Description  Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV335 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMAV335 Datasheet HTML 3Page - STMicroelectronics STMAV335 Datasheet HTML 4Page - STMicroelectronics STMAV335 Datasheet HTML 5Page - STMicroelectronics STMAV335 Datasheet HTML 6Page - STMicroelectronics STMAV335 Datasheet HTML 7Page - STMicroelectronics STMAV335 Datasheet HTML 8Page - STMicroelectronics STMAV335 Datasheet HTML 9Page - STMicroelectronics STMAV335 Datasheet HTML 10Page - STMicroelectronics STMAV335 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STMAV335
5 Electrical Characteristics
7/21
5
Electrical Characteristics
Table 4.
Recommended Operating Conditions
TA = -20 to +70°C, VSS = 0V
Note: 1 Unused control inputs must be held HIGH or LOW. They should not float.
2 In accordance with IEC61000-4-2, level 4
Table 5.
DC Electrical Characteristics
TA = -40°C to +85°C
Note: 1 Measured by the voltage drop between Y/R, Pb/G, Pr/B and YX/R, PbX/G, PrX/B pins at the
indicated current through the switch. ON Resistance is determined by the lower of the voltages
on the two.
Symbol
Parameter (Note 1)
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.0
5.5
V
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
tr, tf
Input Rise and Fall Time
Switch Control Input
0
5
ns/V
Switch I/O
0
DC
ns/V
TA
Free Air Operating Temperature
-40
+85
°C
VESD
ESD-Human Body Model (HBM) Note 2
-2
+2
kV
Symbol
Parameter
Test Conditions
VCC(V)
Min.
Typ.
Max.
Unit
Analog Signal Range
5
0
2.0
V
VIK
Clamp Diode Voltage
IIN = -18mA
4.5
-1.2
V
VIH
HIGH Level Input Voltage
4.0-5.5
2.0
V
VIL
LOW Level Input Voltage
4.0-5.5
0.8
V
II
Input Leakage Current
0
≤ VIN ≤ 5.5V
5.5
±10
µA
IOFF
OFF-STATE Leakage
Current
0
≤ Y/R, Pb/G, Pr/B YX ≤ VCC,
PbX
≤ VCC , PrX ≤ VCC
R
≤ VCC, G ≤ VCC , B ≤ VCC
5.5
±10
µA
RON
Switch ON resistance (1)
VIN = 1.0V, ION = 13mA
4.5
3
7
Ω
VIN = 2.0V, ION = 26mA
4.5
7
10
Ω
ICC
Quiescent Supply Current VIN = VCC or GND, IOUT = 0
5.5
3
µA
∆I
CC
Increase in ICC per Input
One input at 3.4V
Other inputs at VCC or GND
5.5
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com