Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMAV335 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMAV335
Description  Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV335 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMAV335 Datasheet HTML 7Page - STMicroelectronics STMAV335 Datasheet HTML 8Page - STMicroelectronics STMAV335 Datasheet HTML 9Page - STMicroelectronics STMAV335 Datasheet HTML 10Page - STMicroelectronics STMAV335 Datasheet HTML 11Page - STMicroelectronics STMAV335 Datasheet HTML 12Page - STMicroelectronics STMAV335 Datasheet HTML 13Page - STMicroelectronics STMAV335 Datasheet HTML 14Page - STMicroelectronics STMAV335 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STMAV335
7 Test Circuits
11/21
Note: 1 CL includes probe and jig capacitance.
2 All input pulses are supplied by generators having the following characteristics: PRR
≤ 10MHz,
ZO = 50
Ω, tr, tf = 2.5ns.
3 The outputs are measured one at a time, with one transition per measurement.
Figure 8.
Enable/Disable Circuit and Timing Diagram
Table 8.
Test Circuit
Test
VCC
RL
CL
VY1
VPb1
VPr1
Enable time
(tpZL, tpZH)
4.75V ± 0.75V
4.75V ± 0.75V
4.75V ± 0.75V
75
75
75
20
20
20
GND
GND
VCC
GND
VCC
GND
VCC
GND
GND
Disable Time
(tpLZ, tpHZ)
4.75V ± 0.75V
4.75V ± 0.75V
4.75V ± 0.75V
75
75
75
20
20
20
GND
GND
VCC
GND
VCC
GND
VCC
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com