Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMAV335 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STMAV335
Description  Low ON Resistance Triple, SP3T, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV335 Datasheet(HTML) 4 Page - STMicroelectronics

  STMAV335 Datasheet HTML 1Page - STMicroelectronics STMAV335 Datasheet HTML 2Page - STMicroelectronics STMAV335 Datasheet HTML 3Page - STMicroelectronics STMAV335 Datasheet HTML 4Page - STMicroelectronics STMAV335 Datasheet HTML 5Page - STMicroelectronics STMAV335 Datasheet HTML 6Page - STMicroelectronics STMAV335 Datasheet HTML 7Page - STMicroelectronics STMAV335 Datasheet HTML 8Page - STMicroelectronics STMAV335 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2 Pin Configuration
STMAV335
4/21
2
Pin Configuration
Table 1.
Pin Description
Table 2.
Truth Table
Figure 2.
Pin Configuration (Top View )
Symbol
Type
Name and Functions
SEL1, SEL2
IN
Bus Switch Enable. Tie to VCC through a pull-up resistor. The
minimum value of the resistor is determined by the current-sinking
capability of the driver.
Y/R, Pb/G, Pr/B
IN/OUT
Analog Video I/Os
Y1, Pb1, Pr1
IN/OUT
Component 1; Analog Video I/Os
Y2, Pb2, Pr2
IN/OUT
Component 2; Analog Video I/Os
R, G, B
IN/OUT
RGB or Component 3; Analog Video I/Os
VCC
Power supply
GND
Ground
SEL1
SEL2
Selection
0
0
Component = YPbPr1
0
1
Component = YPbPr2
1
0
Component = RGB
1
1
Switch disabled; external pull up resistor recommended
SEL1
Y1
Y2
R
Pb1
Pb2
G
Pr/B
VCC
SEL2
Y/R
Pb/G
GND
Pr1
Pr2
B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SEL1
Y1
Y2
R
Pb1
Pb2
G
Pr/B
VCC
SEL2
Y/R
Pb/G
GND
Pr1
Pr2
B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com