Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOR971 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOR971
Description  CHIPLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOR971 Datasheet(HTML) 1 Page - OSRAM GmbH

  LOR971 Datasheet HTML 1Page - OSRAM GmbH LOR971 Datasheet HTML 2Page - OSRAM GmbH LOR971 Datasheet HTML 3Page - OSRAM GmbH LOR971 Datasheet HTML 4Page - OSRAM GmbH LOR971 Datasheet HTML 5Page - OSRAM GmbH LOR971 Datasheet HTML 6Page - OSRAM GmbH LOR971 Datasheet HTML 7Page - OSRAM GmbH LOR971 Datasheet HTML 8Page - OSRAM GmbH LOR971 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LO R971, LY R971
CHIPLED
2001-03-05
1
Besondere Merkmale
• Gehäusetyp: 0805
• Besonderheit des Bauteils: extrem kleine
Bauform 2,0 mm x 1,25 mm x 0,8 mm
• Wellenlänge: 590 nm (gelb), 605 nm (orange)
• Abstrahlwinkel: extrem breite
Abstrahlcharakteristik (160°)
• Technologie: GaAsP (gelb, orange)
• optischer Wirkungsgrad: 1,5 lm/W (gelb),
1,5 lm/W (orange)
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8 mm Gurt mit 4000/Rolle, ø180 mm
Anwendungen
• Informationsanzeigen im Innenbereich
• optischer Indikator
• Flache Hinterleuchtung (LCD, Handy,
Schalter, Display)
• Spielsachen
Features
• package: 0805
• feature of the device: extremely small
package 2.0 mm x 1.25 mm x 0.8 mm
• wavelength: 590 nm (yellow), 605 nm (orange)
• viewing angle: extremely wide (160°)
• technology: GaAsP (yellow, orange)
• optical efficiency: 1.5 lm/W (yellow),
1.5 lm/W (orange)
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 4000/reel, ø180 mm
Applications
• indoor displays
• optical indicators
• flat backlighting (LCD, cellular phones,
switches, displays)
• toys


Similar Part No. - LOR971

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOR970-JO SIEMENS-LOR970-JO Datasheet
60Kb / 6P
CHIPLED
logo
OSRAM GmbH
LOR976 OSRAM-LOR976 Datasheet
143Kb / 11P
Hyper CHIPLED Hyper-Bright LED
LOR976 OSRAM-LOR976 Datasheet
406Kb / 14P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976 OSRAM-LOR976 Datasheet
487Kb / 14P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976 OSRAM-LOR976 Datasheet
1Mb / 20P
Electronic Equipment
More results

Similar Description - LOR971

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
TriColor ChipLED
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
Miniature ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
CHIPLED 0603
LTRBRASR OSRAM-LTRBRASR Datasheet
1Mb / 23P
Multi CHIPLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
Blue ChipLED
HSMW-C191-U0000 BOARDCOM-HSMW-C191-U0000 Datasheet
1Mb / 10P
White ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com