Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOR971 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LOR971
Description  CHIPLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOR971 Datasheet(HTML) 5 Page - OSRAM GmbH

  LOR971 Datasheet HTML 1Page - OSRAM GmbH LOR971 Datasheet HTML 2Page - OSRAM GmbH LOR971 Datasheet HTML 3Page - OSRAM GmbH LOR971 Datasheet HTML 4Page - OSRAM GmbH LOR971 Datasheet HTML 5Page - OSRAM GmbH LOR971 Datasheet HTML 6Page - OSRAM GmbH LOR971 Datasheet HTML 7Page - OSRAM GmbH LOR971 Datasheet HTML 8Page - OSRAM GmbH LOR971 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LO R971, LY R971
2001-03-05
5
Relative spektrale Emission
I
rel = f (λ), TA = 25 °C, IF = 20 mA
Relative Spectral Emission
V(
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation Characteristic
OHL00083
400
0
20
40
60
80
100
%
I
rel
λ
450
500
550
600
650
700
orange
nm
yellow
λ
V
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL00408
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com