Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOR971 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LOR971
Description  CHIPLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOR971 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LOR971 Datasheet HTML 2Page - OSRAM GmbH LOR971 Datasheet HTML 3Page - OSRAM GmbH LOR971 Datasheet HTML 4Page - OSRAM GmbH LOR971 Datasheet HTML 5Page - OSRAM GmbH LOR971 Datasheet HTML 6Page - OSRAM GmbH LOR971 Datasheet HTML 7Page - OSRAM GmbH LOR971 Datasheet HTML 8Page - OSRAM GmbH LOR971 Datasheet HTML 9Page - OSRAM GmbH LOR971 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LO R971, LY R971
2001-03-05
6
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (TA)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 20 mA
10 -3
V
OHL00074
mA
1
-2
10
-1
10
0
10
1
10
2
10
1.4
1.8
2.2
2.6
3
3.4
yellow
orange
F
I
F
V
F
0
0
OHL00077
T
I
mA
˚C
20
40
60
80
100
5
10
15
20
25
30
40
35
temp. ambient
A
T
temp. solder point
T
S
A
T
T
S
orange
yellow
V
V (20 mA)
10 -1
0
10
10 12
10
mA
10 -2
5
OHL00076
1
10
I
I
55
10 -1
10 0
5
orange
yellow
orange
yellow
F
I
T
OHL00079
0
V
I
-20
0
20
40
60
˚C 100
A
0.4
0.8
1.2
1.6
2
I
V
(25 ˚C)
orange
yellow



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com