Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BCT Datasheet(PDF) 85 Page - Intel Corporation

Part # GWIXP425BCT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BCT Datasheet(HTML) 85 Page - Intel Corporation

Back Button GWIXP425BCT Datasheet HTML 81Page - Intel Corporation GWIXP425BCT Datasheet HTML 82Page - Intel Corporation GWIXP425BCT Datasheet HTML 83Page - Intel Corporation GWIXP425BCT Datasheet HTML 84Page - Intel Corporation GWIXP425BCT Datasheet HTML 85Page - Intel Corporation GWIXP425BCT Datasheet HTML 86Page - Intel Corporation GWIXP425BCT Datasheet HTML 87Page - Intel Corporation GWIXP425BCT Datasheet HTML 88Page - Intel Corporation GWIXP425BCT Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
85
5.3
RCOMP Pin Requirements
Figure 13 shows the requirements for the RCOMP pin.
5.4
DC Specifications
5.4.1
Operating Conditions
Figure 13.
RCOMP Pin External Resistor Requirements
Table 25.
Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
VCCP
Voltage supplied to the I/O.
3.135
3.3
3.465
V
VCC
Voltage supplied to the internal logic.
1.235
1.3
1.365
V
VCCOSC
Voltage supplied to the internal oscillator
logic.
1.235
1.3
1.365
V
VCCOSCP
Voltage supplied to the oscillator I/O.
3.135
3.3
3.465
V
VCCPLL1
Voltage supplied to the analog phase-lock
loop.
1.235
1.3
1.365
V
VCCPLL2
Voltage supplied to the analog phase-lock
loop.
1.235
1.3
1.365
V
Intel
® IXP42X Product Line /
Intel
® IXC1100 Control Plane
Processor
VSS
RCOMP
VSS
34
,
+ 1%
B1672-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com