Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BCT Datasheet(PDF) 27 Page - Intel Corporation

Part # GWIXP425BCT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BCT Datasheet(HTML) 27 Page - Intel Corporation

Back Button GWIXP425BCT Datasheet HTML 23Page - Intel Corporation GWIXP425BCT Datasheet HTML 24Page - Intel Corporation GWIXP425BCT Datasheet HTML 25Page - Intel Corporation GWIXP425BCT Datasheet HTML 26Page - Intel Corporation GWIXP425BCT Datasheet HTML 27Page - Intel Corporation GWIXP425BCT Datasheet HTML 28Page - Intel Corporation GWIXP425BCT Datasheet HTML 29Page - Intel Corporation GWIXP425BCT Datasheet HTML 30Page - Intel Corporation GWIXP425BCT Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
27
• Eight-entry write buffer allows the core to continue execution while data is written to memory
• Multiple-accumulate coprocessor that can do two simultaneous, 16-bit, SIMD multiplies with
40-bit accumulation for efficient, high-quality media and signal processing
• Performance monitoring unit (PMU) furnishing two 32-bit event counters and one 32-bit cycle
counter for analysis of hit rates, etc.
This PMU is for the Intel XScale core only. An additional PMU is supplied for monitoring of
internal bus performance.
• JTAG debug unit that uses hardware break points and 256-entry trace history buffer (for flow-
change messages) to debug programs
2.2.1
Super Pipeline
The super pipeline is composed of integer, multiply-accumulate (MAC), and memory pipes.
The integer pipe has seven stages:
• Branch Target Buffer (BTB)/Fetch 1
• Fetch 2
• Decode
• Register File/Shift
• ALU Execute
• State Execute
• Integer Writeback
Figure 6.
Intel XScale® Core Block Diagram
A9568-02
Multiply
Accumulate
Execution
Core
Interrupt
Request
Instruction
FIQ
Coprocessor Interface
IRQ
Data
Address
Data
System
Management
Debug/
PMU
JTAG
South
AHB
Bus
Data Cache
32 KB
Mini-Data Cache
2 KB
M
M
U
Instruction Cache
32 KB
M
M
U
Branch Target Cache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com