Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BCT Datasheet(PDF) 20 Page - Intel Corporation

Part # GWIXP425BCT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BCT Datasheet(HTML) 20 Page - Intel Corporation

Back Button GWIXP425BCT Datasheet HTML 16Page - Intel Corporation GWIXP425BCT Datasheet HTML 17Page - Intel Corporation GWIXP425BCT Datasheet HTML 18Page - Intel Corporation GWIXP425BCT Datasheet HTML 19Page - Intel Corporation GWIXP425BCT Datasheet HTML 20Page - Intel Corporation GWIXP425BCT Datasheet HTML 21Page - Intel Corporation GWIXP425BCT Datasheet HTML 22Page - Intel Corporation GWIXP425BCT Datasheet HTML 23Page - Intel Corporation GWIXP425BCT Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
20
Document Number: 252479, Revision: 005
2.1
Functional Units
The following sections briefly describe the functional units and their interaction in the system. For
more detailed information, refer to the Intel® IXP42X Product Line of Network Processors and
IXC1100 Control Plane Processor Developer’s Manual.
Unless otherwise specified, the functional descriptions apply to all processors in the IXP42X
product line and IXC1100 control plane processors. Refer to Table 3 on page 14 and Figure 1 on
page 15 through Figure 5 for specific information on supported interfaces
2.1.1
Network Processor Engines (NPEs)
The network processor engines (NPEs) are dedicated-function processors containing hardware
coprocessors integrated into the IXP42X product line and IXC1100 control plane processors. The
NPEs are used to off-load processing functions required by the Intel XScale core.
These NPEs are high-performance, hardware-multi-threaded processors with additional local-
hardware-assist functionality used to off-load highly processor-intensive functions such as MII
(MAC), CRC checking/generation, AAL 2, AES, DES, SHA-1, and MD5. All instruction code for
the NPEs are stored locally with a dedicated instruction memory bus and dedicated data memory
bus.
These NPEs support processing of the dedicated peripherals that can include:
• A Universal Test and Operation PHY Interface for ATM (UTOPIA) 2 interface
• Two High-Speed Serial (HSS) interfaces
• Two Media-Independent Interfaces (MII)
Table 4 specifies which devices, in the IXP42X product line and IXC1100 control plane
processors, have which of these capabilities.
The NPE core is a hardware-multi-threaded processor engine that is used to accelerate functions
that are difficult to achieve high performance in a standard RISC processor. Each NPE core is a 133
MHz processor core that has self-contained instruction memory and self-contained data memory
that operate in parallel.
Table 4.
Processor Functions
Device
UTOPIA
HSS
MII 0
MII 1
AES / DES /
DES3
Multi-Channel
HDLC
SHA-1 /
MD-5
Intel® IXP425 Network
Processor
, B-Step
XX
X
X
X
8
X
Intel® IXP423 Network
Processor
XX
X
X
8
Intel® IXP422 Network
Processor
XX
X
X
Intel® IXP421 Network
Processor
XX
X
8
Intel® IXP420 Network
Processor
XX
Intel® IXC1100 Control
Plane Processor
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com