Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BCT Datasheet(PDF) 33 Page - Intel Corporation

Part # GWIXP425BCT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BCT Datasheet(HTML) 33 Page - Intel Corporation

Back Button GWIXP425BCT Datasheet HTML 29Page - Intel Corporation GWIXP425BCT Datasheet HTML 30Page - Intel Corporation GWIXP425BCT Datasheet HTML 31Page - Intel Corporation GWIXP425BCT Datasheet HTML 32Page - Intel Corporation GWIXP425BCT Datasheet HTML 33Page - Intel Corporation GWIXP425BCT Datasheet HTML 34Page - Intel Corporation GWIXP425BCT Datasheet HTML 35Page - Intel Corporation GWIXP425BCT Datasheet HTML 36Page - Intel Corporation GWIXP425BCT Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
33
3.0
Functional Signal Descriptions
Listed in the signal definition tables — starting at Table 6 “SDRAM Interface” on page 34 — are
pull-up an pull-down resistor recommendations that are required when the particular enabled
interface is not being used in the application. These external resistor requirements are only needed
if the particular model of Intel® IXP42X product line and IXC1100 control plane processors has
the particular interface enabled and the interface is not required in the application.
Warning:
All IXP42X product line and IXC1100 control plane processors I/O pins are not 5-V tolerant.
Disabled features, within the IXP42X product line and IXC1100 control plane processors, do not
require external resistors as the processor will have internal pull-up or pull-down resistors enabled
as part of the disabled interface.
Table 5 presents the legend for interpreting the Type field in the other tables in this section of the
document.
To determine which interfaces are not enabled within the IXP42X product line and IXC1100
control plane processors, see Table 3 on page 14.
Other tables in this section include:
• Table 6 — SDRAM Interface signals
• Table 7 — PCI Controller signals
Table 5.
Signal Type Definitions
Symbol
Description
I
Input pin only
O
Output pin only
I/O
Pin can be either an input or output
OD
Open Drain pin
PWR
Power pin
GND
Ground pin
1
Driven to Vcc
0
Driven to Vss
X
Driven to unknown state
ID
Input is disabled
H
Pulled up to Vcc
L
Pulled to Vss
PD
Pull-up Disabled
Z
Output Disabled
VO
A valid output level is driven, allowed states -- 1, 0, H, Z
VI
Need to drive a valid input level, allowed states - 1, 0, H, Z
PE
Pull-up Enabled, equivalent to H
Tri
Output Only/Tristatable
N/C
No Connect
-
Pin must be connected as described



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com