Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C862 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 9Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 10Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 11Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 12Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 13Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 14Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 15Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 16Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision 1.0
Page 9
®
3.3.4
Host Controller shared signals: PME#, SMI#, REQ#, GNT#
Several other signals are shared by both host controllers in addition to the bused PCI signals. The shared signals are all active
low. The diagram below best explains the internal connections of the 82C862 device.
3.3.5
Legacy and Interrupt Interface Signals
Signal Name
Pin
No.
Pin
Type
Signal Description
SMI#
97
O
System Management Interrupt: This signal is used to request a System
Management Mode (SMM) interrupt. It can be connected to a spare EPMI pin on
the host chipset.
GPIO4
General Purpose I/O pin 4: These pins can be written or read by specific
application software. Refer to PCICFG 53-55h for information.
PME#
72
special
Power Management Event: This signal is used to wake up the system from a
PCI Power Management (PCI/PM) power saving mode. This pin is normally tri-
stated and is driven low when active.
Note: When unpowered, the PME# driver output circuit will not be damaged if
PME# is powered from another source. Moreover, once power is removed from
the chip, this pin does not present a current path to ground.
GPIO3
General Purpose I/O pin 3: These pins can be written or read by specific
application software. Refer to PCICFG 53-55h for information.
INTA#
1
O
PCI Interrupt A: This signal can be connected to a PCI interrupt line.
TEST0
21
I/O
TEST Pin 0: This pin is sampled by the chip at reset time to put the logic into a
test mode if needed. See the STRAP OPTIONS section for details.
GPIO0
General Purpose I/O pin 0: These pins can be written or read by specific
application software. Refer to PCICFG 53-55h for information.
TEST1
25
I/O
TEST Pin 1: This pin is sampled by the chip at reset time to put the logic into a
test mode if needed. See the STRAP OPTIONS section for details.
GPIO1
General Purpose I/O pin 1: These pins can be written or read by specific
application software. Refer to PCICFG 53-55h for information.
SMI2#
Internal
Arbiter
PME#
SMI
#
REQ#
GNT#
REQ1#
SMI1#
FireLink USB
PME1#
GNT1#
USB
Host1
PME2#
GNT2#
USB
Host2
REQ2#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com