Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C862 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 17Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 18Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 19Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 20Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 21Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 22Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 23Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 24Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision 1.0
Page 17
®
Individual Power Switching is the mode in which the power to the USB ports can be controlled individually by using the Port
Status registers for each port, or can also be controlled globally depending on the value in the PowerControlMask register.
When strapping into this mode, the PowerControlMask registers will be set. All four signals, PWRON1#, PWRON2#,
PWRON3#, and PWRON4# will be used to turn on the respective USB ports power and will be independently controlled.
When supporting this mode the following registers are of significance:
Register
Field
Value or Function
HcRhDescriptorA
NoPowerSwitching
MEMOFST 49h[1]
0: Ports are power switched
HcRhDescriptorA
PowerSwitchingMode
MEMOFST 49h[0]
1: Each port is powered individually. This mode allows
the port to be either global or individual controlled
depending on value in PortPowerControlMask.
HcRhDescriptorB
PortPowerControlMask
MEMOFST 4Eh[2:1]
This register determines if the ports power is controlled
individually by the Port Status register, or globally by the
Root Hub Status register.
0=port uses global Set/ClearGlobalPower
1=port uses per-port Set/ClearPortPower
HcRhStatus
ClearGlobalPower (write)
MEMOFST 50h[0]
This bit is written to ‘1’ to turn off power to ports whose
PortPowerControlMask=0.
HcRhStatus
SetGlobalPower (write)
MEMOFST 52h[0]
This bit is written to ‘1’ to turn on power to ports whose
PortPowerControlMask=0.
HcRhPort1Status
HcRhPort2Status
PortPowerStatus (read)
MEMOFST 55h[0] port 1
MEMOFST 59h[0] port 2
0=port power is off
1=port power is on
If per-port switching is enabled for this port, then only
Set/ClearPortPower affect this bit. If global mode is
enabled, then Set/ClearGlobalPower control this bit.
HcRhPort1Status
HcRhPort2Status
SetPortPower (write)
MEMOFST 55h[0] port 1
MEMOFST 59h[0] port 2
1: sets PortPowerStatus
Only valid if port is enabled for per-port switching.
HcRhPort1Status
HcRhPort2Status
ClearPortPower (write)
MEMOFST 55h[1] port 1
MEMOFST 59h[1] port 2
1: clear PortPowerStatus
Only valid if port is enabled for per-port switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com