Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C862 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 35Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 36Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 37Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 38Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 39Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 40Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 41Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 42Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision 1.0
Page 35
®
7
6
5
4
3
2
1
0
MEMOFST 52h
HcRhStatus Register - Byte 2
Default = 00h
Reserved
Over-current
Indicator
Change
This bit is set
when the Over-
current
Indicator bit
(MEMOFST
50h[1])
changes.
Write 1 to clear
Read: Local
Power Status
Change
Not supported.
Always read 0
Write: Set
Global Power
0 = No effect
1 = Issue Set
Global
Power
command
to ports
MEMOFST 53h
HcRhStatus Register - Byte 3
Default = 00h
Clear Remote
Wakeup
Enable (WO)
0 = No effect
1 = Clear
Device
Remote
Wakeup
Enable bit
(MEMOFST
51h[7])
Reserved
MEMOFST 54h
HcRhPort1Status Register - Byte 0
Default = 00h
Reserved
Read: Port
Reset Status
0 = Port reset
status
signal not
active
1 = Port reset
signal
active
Write: Set Port
Reset
0 = No effect
1 = Sets Port
Reset
Status
Read: Port
Over-current
Indicator(1)
0 = No over-
current
condition
1 = Over-
current
condition
Write: Clear
Port Suspend
0 = No effect
1 = Initiates
selective
resume
sequence
for the port
Read: Port
Suspend Status
0 = Port is not
suspended
1 = Port is
selectively
suspended
Write: Set Port
Suspend
0 = No effect
1 = Sets Port
Suspend
Status
Read: Port
Enable Status
0 = Port
disabled
1 = Port
enabled
Write: Set Port
Enable
0 = No effect
1 = Sets Port
Enable
Status
Read: Current
Connect Status
0 = No device
connected
1 = Device
connected.(
2)
Write: Clear
Port Enable
0 = No effect
1 = Clears Port
Enable
Status bit
(bit 1)
(1) The USB core supports global over-current reporting. This bit reflects the state of the OVRCUR pin dedicated to this port. This bit is only
valid if the No Over-current Protection (MEMOFST 49h[4]) bit is cleared and Over-current Protection Mode (MEMOFST 49h[3]) bit is set.
(2) If the Device Removable bits (MEMOFST 4Ch[15:0]) are set (not removable), bit 0 is always 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com