Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C862 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 41Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 42Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 44Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 45Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 46Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 47Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 48Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
FireLink USB
82C862
912-2000-030
Page 41
Revision: 1.0
®
6.0
Electrical Ratings
Stresses above those listed in the following tables may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification are not implied.
6.1
Absolute Maximum Ratings
Symbol
Parameter
5.0 Volt
3.3 Volt
Unit
Min
Max
Min
Max
VCC
Supply Voltage
not allowed
not allowed
+4.0
V
VI
Input Voltage
–0.5
VCC + 0.5
–0.5
VCC + 0.5
V
VO
Output Voltage
–0.5
VCC + 0.5
–0.5
VCC + 0.5
V
TOP
Operating Temperature
0
+70
0
+70
degrees C
TSTG
Storage Temperature
–40
+125
–40
+125
degrees C
6.2
DC Characteristics:
VCC = 3.3V ±5%, TA = 0C to +70C
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input low Voltage
–0.5
+0.8
V
VIH
Input high Voltage
+2.0
+5.5
V
VOL
Output low Voltage
+0.4
V
IOL = 4.0mA
VOH
Output high Voltage
+2.4
V
IOH = –1.6mA
IIL
Input Leakage Current
+10.0
µA
VIN = VCC
IOZ
Tristate Leakage Current
+10.0
µA
CIN
Input Capacitance
+10.0
pF
COUT
Output Capacitance
+10.0
pF
ICC
Power Supply Current:
3.3V Core
Predicted: 100mA max during operation,
1mA max during Standby (all clocks stopped)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com