Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2011-000002 Datasheet(PDF) 32 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor 2011-000002 Datasheet HTML 33Page - Samsung semiconductor 2011-000002 Datasheet HTML 34Page - Samsung semiconductor 2011-000002 Datasheet HTML 35Page - Samsung semiconductor 2011-000002 Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
RA303
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA304
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA305
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA306
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA307
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA308
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA309
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA310
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA311
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA312
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA401
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA402
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA403
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA404
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA405
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA406
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA407
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA408
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA409
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA410
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA411
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA412
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA413
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA414
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA415
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA416
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA417
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA418
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
U2
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
U6
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
U7
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
U8
1204-001551
IC-VIDEO SYSTEM
GS1881,SOIC,8P,150MIL,PLASTIC
X401
2801-003667
CRYSTAL-SMD
14.3182MHZ,50PPM,28-AAN,16,50O
X501
2801-003326
CRYSTAL-SMD
24MHz,30ppm,28-ABX,16pF,50ohm
7 Electrical Parts List
7-12
SyncMaster 770TFT
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com