Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2011-000002 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 17Page - Samsung semiconductor 2011-000002 Datasheet HTML 18Page - Samsung semiconductor 2011-000002 Datasheet HTML 19Page - Samsung semiconductor 2011-000002 Datasheet HTML 20Page - Samsung semiconductor 2011-000002 Datasheet HTML 21Page - Samsung semiconductor 2011-000002 Datasheet HTML 22Page - Samsung semiconductor 2011-000002 Datasheet HTML 23Page - Samsung semiconductor 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
C101
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C102
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C103
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C104
2402-001044
C-AL,SMD
100uF,20%,25V,TP,8.3x8.3x6.3
C105
2404-001075
C-TA,CHIP
100uF,20%,16V,GP,TP,7343
C106
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C108
2404-001075
C-TA,CHIP
100uF,20%,16V,GP,TP,7343
C109
2409-000124
C-ORGANIC
100uF,10%,16V,LZ,BK,8x10.5
C110
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C111
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C118
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C119
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C120
2402-001044
C-AL,SMD
100uF,20%,25V,TP,8.3x8.3x6.3
C121
2404-001075
C-TA,CHIP
100uF,20%,16V,GP,TP,7343
C122
2402-001042
C-AL,SMD
100uF,20%,16V,GP,TP,6.6x6.6x5.
C123
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C124
2402-001042
C-AL,SMD
100uF,20%,16V,GP,TP,6.6x6.6x5.
C125
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C126
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C127
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C128
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C129
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C130
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C131
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C132
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C133
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C135
2402-001044
C-AL,SMD
100uF,20%,25V,TP,8.3x8.3x6.3
C136
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C137
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C150
2404-000123
C-TA,CHIP
10uF,20%,16V,6032,2.9mm,TP
C201
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C202
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C203
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C204
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C205
2203-001656
C-CERAMIC,CHIP
470pF,5%,50V,CH,TP,1608,1.6mm
C207
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C208
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C209
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C210
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C211
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C213
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C214
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C217
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C218
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C219
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
SyncMaster 770TFT
7-1
Loc. No.
Code No.
Description
Specification
Remarks
7 Electrical Parts List
7-1 Main PCB Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com