Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2011-000002 Datasheet(PDF) 33 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 33 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor 2011-000002 Datasheet HTML 33Page - Samsung semiconductor 2011-000002 Datasheet HTML 34Page - Samsung semiconductor 2011-000002 Datasheet HTML 35Page - Samsung semiconductor 2011-000002 Datasheet HTML 36Page - Samsung semiconductor 2011-000002 Datasheet HTML 37Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
CN1
3711-002050
CONNECTOR-HEADER
BOX,10P,1R,1.25mm,SMD-A,SN
OP4
0601-001036
LED
ROUND,GRN/YEL,4.75mm,565/585nm
OP5
0601-001036
LED
ROUND,GRN/YEL,4.75mm,565/585nm
OP6
0601-001036
LED
ROUND,GRN/YEL,4.75mm,565/585nm
Q1
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
Q2
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
R1
2007-000766
R-CHIP
330ohm,5%,1/10W,DA,TP,2012
R2
2007-000766
R-CHIP
330ohm,5%,1/10W,DA,TP,2012
R3
2007-000221
R-CHIP
1.2Kohm,5%,1/10W,DA,TP,2012
R4
2007-000221
R-CHIP
1.2Kohm,5%,1/10W,DA,TP,2012
R5
2007-000290
R-CHIP
100ohm,5%,1/10W,DA,TP,2012
R6
2007-000844
R-CHIP
3Kohm,5%,1/10W,DA,TP,2012
R7
2007-000844
R-CHIP
3Kohm,5%,1/10W,DA,TP,2012
R10
2007-000355
R-CHIP
12Kohm,5%,1/10W,DA,TP,2012
R11
2007-000300
R-CHIP
10Kohm,5%,1/10W,DA,TP,2012
R12
2007-000355
R-CHIP
12Kohm,5%,1/10W,DA,TP,2012
R13
2007-000300
R-CHIP
10Kohm,5%,1/10W,DA,TP,2012
R14
2007-000290
R-CHIP
100ohm,5%,1/10W,DA,TP,2012
SW1
3404-000243
SWITCH-TACT
15V,20mA,160gf+-50gf,6x3.4mm,S
SW2
3404-000243
SWITCH-TACT
15V,20mA,160gf+-50gf,6x3.4mm,S
SW3
3404-000243
SWITCH-TACT
15V,20mA,160gf+-50gf,6x3.4mm,S
SW4
3404-000243
SWITCH-TACT
15V,20mA,160gf+-50gf,6x3.4mm,S
SW5
3404-000243
SWITCH-TACT
15V,20mA,160gf+-50gf,6x3.4mm,S
SW6
3404-000243
SWITCH-TACT
15V,20mA,160gf+-50gf,6x3.4mm,S
7 Electrical Parts List
SyncMaster 770TFT
7-13
Loc. No.
Code No.
Description
Specification
Remarks
7-2 Sub PCB Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com