Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2011-000002 Datasheet(PDF) 28 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 28 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
L115
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L116
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L117
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L119
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L120
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L121
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L122
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L123
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L124
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L125
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L126
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L127
2703-001070
INDUCTOR-SMD
100uH,10%,4.5x3.2x3.2mm
L129
2703-001070
INDUCTOR-SMD
100uH,10%,4.5x3.2x3.2mm
L201
2703-001070
INDUCTOR-SMD
100uH,10%,4.5x3.2x3.2mm
L202
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L203
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L204
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L205
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L206
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L207
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L401
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L402
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L601
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L602
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L603
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
Q101
0505-001170
FET-SILICON
SI9933ADY-T1,P,-20V,3.4A,0.075
Q102
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
Q103
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
Q105
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
Q501
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
Q502
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
Q503
0501-002080
TR-SMALL SIGNAL
2SC2412K,NPN,200mW,SOT-23,TP,1
R101
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R102
2007-000102
R-CHIP
100Kohm,5%,1/16W,DA,TP,1608
R103
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R104
2007-000102
R-CHIP
100Kohm,5%,1/16W,DA,TP,1608
R105
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R106
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R107
2007-000102
R-CHIP
100Kohm,5%,1/16W,DA,TP,1608
R108
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R114
2007-000102
R-CHIP
100Kohm,5%,1/16W,DA,TP,1608
R201
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R202
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R203
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R204
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R205
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R206
2007-000107
R-CHIP
470Kohm,5%,1/16W,DA,TP,1608
7 Electrical Parts List
7-8
SyncMaster 770TFT
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com