Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL161010WF-R33 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TCFL161010WF-R33
Description  Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL161010WF-R33 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TCFL161010WF-R33 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL161010WF-R33 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL161010WF-R33 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TCFL161010WF Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 08-03-2020
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
FEATURES
•
Miniature size with low profile
•
Halogen Free RoHS compliant
SPECIFICATION
P/N
L
(μH)
TEST FREQ.
(MHz)
Q
Min
SRF
(MHz) Min
RDC
(Ω)Max
Irms
(mA)Max
TCFL161010WF-R10_
0.10
7.9
12
1150
0.13
1000
TCFL161010WF-R18_
0.18
7.9
12
950
0.20
1000
TCFL161010WF-R22_
0.22
7.9
12
775
0.30
700
TCFL161010WF-R27_
0.27
7.9
12
775
0.30
700
TCFL161010WF-R33_
0.33
7.9
12
725
0.32
600
TCFL161010WF-R39_
0.39
7.9
12
620
0.51
500
TCFL161010WF-R47_
0.47
7.9
12
540
0.62
420
TCFL161010WF-R56_
0.56
7.9
12
600
0.65
400
TCFL161010WF-R68_
0.68
7.9
12
500
1.0
380
TCFL161010WF-R75_
0.75
7.9
12
500
1.3
350
TCFL161010WF-R82_
0.82
7.9
12
500
1.3
350
TCFL161010WF-1R0_
1.0
7.9
12
400
1.5
330
TCFL161010WF-1R2_
1.2
7.9
12
380
1.7
320
TCFL161010WF-1R5_
1.5
7.9
12
300
1.9
310
TCFL161010WF-1R8_
1.8
7.9
12
180
2.2
300
TCFL161010WF-2R2_
2.2
7.9
12
180
2.3
280
TCFL161010WF-2R7_
2.7
7.9
12
150
2.6
250
TCFL161010WF-3R3_
3.3
7.9
12
150
2.9
230
TCFL161010WF-3R9_
3.9
7.9
12
120
3.2
210
TCFL161010WF-4R7_
4.7
7.9
12
100
4.0
200
TCFL161010WF-5R6_
5.6
7.9
15
32
3.6
240
TCFL161010WF-6R8_
6.8
7.9
12
31
3.9
200
TCFL161010WF-8R2_
8.2
7.9
12
26
4.2
190
TCFL161010WF-100_
10
2.5
10
25
4.8
180
TCFL161010WF-150_
15
2.5
15
23
8.5
170
TCFL161010WF-180_
18
2.5
10
22
10
160
TCFL161010WF-220_
22
2.5
10
10
12
100
•
Irms: Average current for 40℃ temperature rise from 25℃ ambient (typical)
•
Inductance tolerance: Letter at end of part number: J = ±5% ; K = ±10% ; M = ±20%


Similar Part No. - TCFL161010WF-R33

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TCFL161010MF-2R2M TRANSKO-TCFL161010MF-2R2M Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TCFL161010MF-R47M TRANSKO-TCFL161010MF-R47M Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
More results

Similar Description - TCFL161010WF-R33

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
ILSI America LLC
ISM16 ILSI-ISM16 Datasheet
178Kb / 2P
1.6 mm x 1.2 mm 4 Pads SMD Oscillator
logo
Transko Electronics, In...
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
logo
Xtaltq Technologies Co....
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com