Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD5584A Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SCD5584A
Description  8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SCD5584A Datasheet(HTML) 5 Page - Infineon Technologies AG

  SCD5584A Datasheet HTML 1Page - Infineon Technologies AG SCD5584A Datasheet HTML 2Page - Infineon Technologies AG SCD5584A Datasheet HTML 3Page - Infineon Technologies AG SCD5584A Datasheet HTML 4Page - Infineon Technologies AG SCD5584A Datasheet HTML 5Page - Infineon Technologies AG SCD5584A Datasheet HTML 6Page - Infineon Technologies AG SCD5584A Datasheet HTML 7Page - Infineon Technologies AG SCD5584A Datasheet HTML 8Page - Infineon Technologies AG SCD5584A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SCD5580/1/2/3/4 A
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
5
March 23, 2000-18
Pin Assignment
Switching Specifications
(TA=25°C and VCC=4.5 V to 5.5 V)
Note:
SDCLK duty cycle=30% Min. and 50% Max.
Figure 6. Dot Matrix Format
Pin
Function
Pin
Function
1
SDCLK
28
GND
2
LOAD
27
DATA
3NP
26
NP
4NP
25
NP
5NP
24
NP
6NP
23
NP
7NP
22
NP
8NP
21
NP
9NP
20
NP
10
NP
19
VCC
11
NP
18
NC
12
NP
17
NP
13
RST
16
CLKSEL
14
GND
15
CLK I/O
Symbol
Description
Min.
Units
TRC
Reset Active Time
600
ns
TLDS
Load Setup Time
40
ns
TDS
Data Setup Time
40
ns
TSDCLK
Clock Period
200
ns
TSDCW
Clock Width
70
ns
TLDH
Load Hold Time
0
ns
TDH
Data Hold Time
20
ns
TWR
Total Write Time
2.2
µs
TBL
Time Between Loads
600
ns
0.100
(2.54)
0.033
(0.84)
typ.
0.011
(0.28)
typ.
0.022
(0.56) typ.
0.145
(3.68)
R0
R1
R2
R3
R4
C0 C1 C2 C3 C4
Dimensions in inches (mm)
TOLERANCE
: .XXX=
±.010 (.25)
Dimensions in inches (mm)
Tolerance: .XXX=±.010 (.25)
Pin Definitions
Pin
Function
Definitions
1
SDCLK
Loads data into the 8-bit serial
data register on a low to high
transition.
2
LOAD
Low input enables data clocking
into 8-bit serial shift register.
When LOAD goes high, the con-
tents of 8-bit serial Shift Register
will be decoded.
3
NP
No pin
4
NP
No pin
5
NP
No pin
6
NP
No pin
7
NP
No pin
8
NP
No pin
9
NP
No pin
10
NP
No pin
11
NP
No pin
12
NP
No pin
13
RST
Asynchronous input, when low
will clear the Multiplex Counter,
User RAM and Data Register.
Control Word Register is set to
100% brightness and the Address
Register is set to select Digit 0.
The display is blanked.
14
GND
Power supply ground
15
CLK I/O
Outputs master clock or inputs
external clock.
16
CLKSEL
H=internal clock, L=external clock
17
NP
No pin
18
NC
No connection
19
VCC
Power supply
20
NP
No pin
21
NP
No pin
22
NP
No pin
23
NP
No pin
24
NP
No pin
25
NP
No pin
26
NP
No pin
27
DATA
Serial data input
28
GND
Power supply ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com