Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD5584A Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SCD5584A
Description  8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SCD5584A Datasheet(HTML) 1 Page - Infineon Technologies AG

  SCD5584A Datasheet HTML 1Page - Infineon Technologies AG SCD5584A Datasheet HTML 2Page - Infineon Technologies AG SCD5584A Datasheet HTML 3Page - Infineon Technologies AG SCD5584A Datasheet HTML 4Page - Infineon Technologies AG SCD5584A Datasheet HTML 5Page - Infineon Technologies AG SCD5584A Datasheet HTML 6Page - Infineon Technologies AG SCD5584A Datasheet HTML 7Page - Infineon Technologies AG SCD5584A Datasheet HTML 8Page - Infineon Technologies AG SCD5584A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
March 23, 2000-18
FEATURES
• Low Profile Package: 60% Smaller than Industry
Standard 8-Digit Display
• Eight 0.145" (3.68 mm) 5 x 5 Dot Matrix Characters
in Red, Yellow, High Efficiency Red, Green, or High
Efficiency Green
• Optimum Display Surface Efficiency
(display area to package ratio)
• Low Power—30% Less Power Dissipation than
5 x 7 Format
• High Speed Data Input Rate: 5.0 MHz
• ROMless Serial Input, Dot Addressable Display—
Ideal for User Defined Characters
• Built-in Decoders, Multiplexers and LED Drivers
• Readable from 6.0 feet (1.8 meters)
• Wide Viewing Angle, X Axis ±55
°, Y Axis ±65°
• Attributes:
– 200 Bit RAM for User Defined Characters
– Eight Dimming Levels
– Power Down Mode (<250
µW)
– Hardware/Software Clear Function
– Lamp Test
• Internal or External Clock
• End-Stackable Dual-In-Line Plastic Package
• 3.3 V Capability
STANDARD RED
SCD5580A
YELLOW
SCD5581A
HIGH EFFICIENCY RED
SCD5582A
GREEN
SCD5583A
HIGH EFFICIENCY GREEN
SCD5584A
0.145" 8-Character 5 x 5 Dot Matrix Serial Input
Dot Addressable Intelligent Display® Devices
DESCRIPTION
The SCD5580A (Red), SCD5581A (Yellow), SCD5582A (HER),
SCD5583A (Green) and SCD5584A (HEG) are eight digit dot address-
able 5 x 5 matrix, Serial Input, Intelligent Display devices. The eight
0.145" (3.68 mm) high digits are packaged in a transparent, 0.3" pin
spacing plastic DIP.
The on-board CMOS has a 200 bit RAM, (one bit associated with one
LED), to generate User Defined Characters. Due to the reduced LED
count, power requirement and heat dissipation are reduced by 30%.
Additionally in Power Down Mode quiescent current is <50
µA.
Notes: Unless otherwise specified
1. Tolerances .XXX
±.010(0.254)
2 Dimension at seating plane
3. Lead Dim. 0.018 wide x 0.012 thk.
1.500 max. (38.10)
0.145
(3.68)
.100
.187
.300
±.020
.100 –.010 typ.
1.300 ref.
Pin1
Indicator
OSRAM
SCD-558XA
YYWW
Z
EIA date code
Intensity Code
Tol. non-cum.
0.160
±.02
0.200
(2.54)
(.47)
(5.08)
(33.02)
(2.54 –.25)
(7.62
±.51)
.394
±.006
(10.0
±.15)
(4.06
±.51)
.050
(1.27)
typ.
.012 (.30)
.020 (.51) typ.
Y
Hue Category
typ.
1.312 ref.
(33.32)
Seating Plane
2
.010(0.25)
2
2
.100 (2.54)
0.145
(3.68)
.022
(0.56)
.033 (0.84)
28 27 26 25 24 23 22 21 2019 18 1716 15
12 3 4 5 6 7 8 9 10 11 12 1314
Dimensions in inches (mm)
Slimline


Similar Part No. - SCD5584A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SCD5584A OSRAM-SCD5584A Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
More results

Similar Description - SCD5584A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
5 x 7 Dot Matrix Intelligent Display
logo
Lucky Light Electronic
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30581 LUCKY-LIGHT-KWM-30581 Datasheet
59Kb / 1P
5 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-50581 LUCKY-LIGHT-KWM-50581 Datasheet
59Kb / 1P
5 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-50581XY LUCKY-LIGHT-KWM-50581XY Datasheet
75Kb / 1P
5 x 8 Dot Matrix (5.0mm Dot) Multi-Color LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com