Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD5584A Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SCD5584A
Description  8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SCD5584A Datasheet(HTML) 2 Page - Infineon Technologies AG

  SCD5584A Datasheet HTML 1Page - Infineon Technologies AG SCD5584A Datasheet HTML 2Page - Infineon Technologies AG SCD5584A Datasheet HTML 3Page - Infineon Technologies AG SCD5584A Datasheet HTML 4Page - Infineon Technologies AG SCD5584A Datasheet HTML 5Page - Infineon Technologies AG SCD5584A Datasheet HTML 6Page - Infineon Technologies AG SCD5584A Datasheet HTML 7Page - Infineon Technologies AG SCD5584A Datasheet HTML 8Page - Infineon Technologies AG SCD5584A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SCD5580/1/2/3/4 A
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
2
March 23, 2000-18
DESCRIPTION (continued)
The SCD558XA is designed to work with the Serial port of most
common microprocessors. The Clock I/O (CLK I/O) and Clock
Select (CLKSEL) pins offer the user the capability to supply a
high speed external clock. This feature can minimize audio band
interference for portable communication equipment or eliminate
the visual synchronization effects found in high vibration environ-
ments such as avionics equipment.
Maximum Ratings
DC Supply Voltage ............................................–0.5 to +7.0 Vdc
Input Voltage Levels Relative
to Ground ............................................... –0.5 to VCC +0.5 Vdc
Operating Temperature ....................................–40
°C to +85°C
Storage Temperature .......................................–40
°C to +100°C
Maximum Solder Temperature
0.063" below Seating Plane, t<5 s ................................ 260
°C
Relative Humidity at 85
°C .................................................. 85%
Maximum Number of LEDs on at 100% Brightness............ 128
IC Junction Temperature .................................................. 125
°C
ESD (100 pF, 1.5 k
Ω)......................................................... 2.0 kV
Max SDCLK frequency ................................................ 5.0 MHz
Figure 1. Data Write Cycle
Figure 2. Instruction Cycle
LOAD
DATA
SDCLK
TSDCW
TSDCLK Period
TLDS
TDS
TDH
TLDH
3.5 V
1.5 V
3.5 V
1.5 V
3.5 V
1.5 V
TSDCW
TWR
OR
LOAD
SDCLK
DATA
LOAD
SDCLK
DATA
TBL
D0
D7
D6
D5
D4
D3
D2
D1
D0
D0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com