Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD5584A Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SCD5584A
Description  8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SCD5584A Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SCD5584A Datasheet HTML 7Page - Infineon Technologies AG SCD5584A Datasheet HTML 8Page - Infineon Technologies AG SCD5584A Datasheet HTML 9Page - Infineon Technologies AG SCD5584A Datasheet HTML 10Page - Infineon Technologies AG SCD5584A Datasheet HTML 11Page - Infineon Technologies AG SCD5584A Datasheet HTML 12Page - Infineon Technologies AG SCD5584A Datasheet HTML 13Page - Infineon Technologies AG SCD5584A Datasheet HTML 14Page - Infineon Technologies AG SCD5584A Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SCD5580/1/2/3/4 A
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
13
March 23, 2000-18
Data Contents for the Word “Displays”
Note:
If the display is already reset at Power Up, there is no need for Software Clear.
Step
D7 D6
D5
D4 D3
D2
D1
D0
Function
A
B (optional)
11
0
11
1
00
0
0
0
10
B
B
B
CLEAR
BRIGHTNESS SELECT
1
2
3
4
5
6
10
1
00
0
00
1
01
0
01
1
10
0
0
0
000
1
1
110
1
0
001
1
0
001
1
0
001
1
1
110
DIGIT D0 SELECT
ROW 0 D0 (D)
ROW 1 D0 (D)
ROW 2 D0 (D)
ROW 3 D0 (D)
ROW 4 D0 (D)
7
8
9
10
11
12
10
1
00
0
00
1
01
0
01
1
10
0
0
0
001
0
1
110
0
0
100
0
0
100
0
0
100
0
1
110
DIGIT D1 SELECT
ROW 0 D1 (I)
ROW 1 D1 (I)
ROW 2 D1 (I)
ROW 3 D1 (I)
ROW 4 D1 (I)
13
14
15
16
17
18
10
1
00
0
00
1
01
0
01
1
10
0
0
0
010
0
1
111
1
0
000
0
1
110
0
0
001
1
1
110
DIGIT D2 SELECT
ROW 0 D2 (S)
ROW 1 D2 (S)
ROW 2 D2 (S)
ROW 3 D2 (S)
ROW 4 D2 (S)
19
20
21
22
23
24
10
1
00
0
00
1
01
0
01
1
10
0
0
0
011
1
1
110
1
0
001
1
1
110
1
0
000
1
0
000
DIGIT D3 SELECT
ROW 0 D3 (P)
ROW 1 D3 (P)
ROW 2 D3 (P)
ROW 3 D3 (P)
ROW 4 D3 (P)
25
26
27
28
29
30
10
1
00
0
00
1
01
0
01
1
10
0
0
0
100
1
0
000
1
0
000
1
0
000
1
0
000
1
1
111
DIGIT D4 SELECT
ROW 0 D4 (L)
ROW 1 D4 (L)
ROW 2 D4 (L)
ROW 3 D4 (L)
ROW 4 D4 (L)
31
32
33
34
35
36
10
1
00
0
00
1
01
0
01
1
10
0
0
0
101
0
0
100
0
1
010
1
1
111
1
0
001
1
0
001
DIGIT D5 SELECT
ROW 0 D5 (A)
ROW 1 D5 (A)
ROW 2 D5 (A)
ROW 3 D5 (A)
ROW 4 D5 (A)
37
38
39
40
41
42
10
1
00
0
00
1
01
0
01
1
10
0
0
0
110
1
0
001
0
1
010
0
0
100
0
0
100
0
0
100
DIGIT D6 SELECT
ROW 0 D6 (Y)
ROW 1 D6 (Y)
ROW 2 D6 (Y)
ROW 3 D6 (Y)
ROW 4 D6 (Y)
43
44
45
46
47
48
10
1
00
0
00
1
01
0
01
1
10
0
0
0
111
0
1
111
1
0
000
0
1
110
0
0
001
1
1
110
DIGIT D7 SELECT
ROW 0 D7 (S)
ROW 1 D7 (S)
ROW 2 D7 (S)
ROW 3 D7 (S)
ROW 4 D7 (S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com